Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG2C Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # UG2C
Description  ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UG2C Datasheet(HTML) 2 Page - Gulf Semiconductor

  UG2C Datasheet HTML 1Page - Gulf Semiconductor UG2C Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
RATINGS AND CHARACTERISTIC CURVES
UG2A THRU UG2D
1 Rev.A4
www.gulfsemi.com


Similar Part No. - UG2C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2C GE-UG2C Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2C VISHAY-UG2C Datasheet
96Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2C SEMTECH_ELEC-UG2C Datasheet
260Kb / 2P
   SUPER FAST RECTIFIERS
logo
Vishay Siliconix
UG2C VISHAY-UG2C Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Shenzhen Taychipst Elec...
UG2C TAYCHIPST-UG2C Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UG2C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR220 GULFSEMI-MUR220 Datasheet
176Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
UG2D-A GULFSEMI-UG2D-A Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
RG2GE GULFSEMI-RG2GE Datasheet
87Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UG1A GULFSEMI-UG1A Datasheet
84Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?1.0A
UF1200 GULFSEMI-UF1200 Datasheet
126Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
UG2F GULFSEMI-UG2F Datasheet
112Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 400V CURRENT竊?2.0A
UF1001 GULFSEMI-UF1001 Datasheet
151Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UF3001 GULFSEMI-UF3001 Datasheet
155Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
UF4001E GULFSEMI-UF4001E Datasheet
134Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com