Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UESP08G Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # UESP08G
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:8.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESP08G Datasheet(HTML) 2 Page - Gulf Semiconductor

  UESP08G Datasheet HTML 1Page - Gulf Semiconductor UESP08G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UESP08G


Similar Part No. - UESP08G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESP08J GULFSEMI-UESP08J Datasheet
90Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESP08K GULFSEMI-UESP08K Datasheet
92Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT:8.0A
More results

Similar Description - UESP08G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESA08J GULFSEMI-UESA08J Datasheet
101Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UGSA08J GULFSEMI-UGSA08J Datasheet
107Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESP08J GULFSEMI-UESP08J Datasheet
90Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
RESA08J GULFSEMI-RESA08J Datasheet
90Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
FESA08D GULFSEMI-FESA08D Datasheet
95Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UGSB08J GULFSEMI-UGSB08J Datasheet
80Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UGSP08J GULFSEMI-UGSP08J Datasheet
76Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com