Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-480515TE Datasheet(PDF) 4 Page - Recom International Power

Part # RP40-480515TE
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-480515TE Datasheet(HTML) 4 Page - Recom International Power

  RP40-480515TE Datasheet HTML 1Page - Recom International Power RP40-480515TE Datasheet HTML 2Page - Recom International Power RP40-480515TE Datasheet HTML 3Page - Recom International Power RP40-480515TE Datasheet HTML 4Page - Recom International Power RP40-480515TE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-international.com
251
21-July-2005
Notes :
POWERLINE
DC/DC-Converter
RP40-S_D_TE
Series
Package Style and Pinning (mm)
5
2
3
1
7
63.50
dia.
1.0
8.00
7.6
15.20
6
8
9
10
4
10.20
17.80
10.20
10.20
7.60
7.60
10.20
12.70
10.20
10.20
76.20
66.00
Bottom View
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
Triple
3.3V / 5V
1
CTRL
CTRL
CTRL
CTRL
2
+Vin
+Vin
+Vin
+Vin
3
-Vin
-Vin
-Vin
-Vin
4
SYNC
SYNC
SYNC
SYNC
5
Trim Down
+Vout
+Aux
3.3V
6
Trim
Com
Com (Aux)
Com
7
Trim Up
-Vout
-Aux
+5V
8
+Vout
Trim
+Vout(Primary)
Trim
9
-Vout
NC
Com(Primary)
NC
10
No Pin
NC
Trim
NC
NC = No Connection
1. The RP40 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control pin voltage is referenced to negative input
8. Cross regulation:
Dual output—Asymmetrical load 25% to 100% full load
Triple output – 3.3V / 5V 100% load and one of auxiliary 100% load, other
auxiliary load change from 25% to 100% load
9. See application notes for EMI-filtering.


Similar Part No. - RP40-480515TE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-480515TE RECOM-RP40-480515TE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-480515TE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com