Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQS-909 Datasheet(PDF) 3 Page - Recom International Power

Part # RQS-909
Description  0.25 Watt SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RQS-909 Datasheet(HTML) 3 Page - Recom International Power

  RQS-909 Datasheet HTML 1Page - Recom International Power RQS-909 Datasheet HTML 2Page - Recom International Power RQS-909 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
13
26-October-2005
Package Style and Pinning (mm)
RQS &
&
RQD
Series
Bottom View
Top View
2.54 x 3
12.75
5.35
1.65
7.30
12.10
11.10
9.00
7.90
8.15
7.40
5
2
4
1
0.55
2.54
1.20
RECOM
RQS-xxxx
xxxx
8
12.00
1.80
85
24
1
1.20
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Bottom View
0.55
11.10
Top View
15.24
5.35
14.70
2.54x4
7.30
1.65
2.54
10
7
2
4 5
9.00
7.90
8.15
7.40
RECOM
RQD-xxxx
xxxx
1
12.00
1.80
10
7
24
15
1.20
1.20
Pin Connections
Pin #
Single
1
–Vin
2
+Vin
4
–Vout
5
+Vout
8NC
NC = No Connection
8 PIN SMD Package
10 PIN SMD Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Dual
1
–Vin
2
+Vin
4
Com
5
–Vout
7
+Vout
10
NC
NC = No Connection
Recommended Footprint Details
Recommended Footprint Details


Similar Part No. - RQS-909

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RQS-0505 RECOM-RQS-0505 Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQS-0505P RECOM-RQS-0505P Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQS-0509 RECOM-RQS-0509 Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQS-0509P RECOM-RQS-0509P Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQS-051.8 RECOM-RQS-051.8 Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
More results

Similar Description - RQS-909

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RQS-1.81.8 RECOM-RQS-1.81.8_06 Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
   0.25 Watt SMD Single, Dual Independent Outputs
RM RECOM-RM_10 Datasheet
81Kb / 2P
   0.25 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RBL-3.305S-E RECOM-RBL-3.305S-E Datasheet
92Kb / 2P
   0.25 Watt SIP7 Isolated Single Output
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com