Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS-1505 Datasheet(PDF) 2 Page - Recom International Power

Part # RSS-1505
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS-1505 Datasheet(HTML) 2 Page - Recom International Power

  RSS-1505 Datasheet HTML 1Page - Recom International Power RSS-1505 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 16
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
RSS / RSD Series, 1 Watt, SMD (Single & Dual Output)
Package Style and Pinning (mm)
12.00
1.80
1.20
10
7
24
15
RSS-0505
RECOM
0.50±0.5
2.57
2.54 x 4
15.24
5.40
1.65
0.20
14.70
2.54 x 3
12.75
5.35
1.65
0.20
12.10
11.10
12.00
1.80
1.20
85
24
1
RSD-0505
RECOM
****
0.50±0.5
2.54
9.00
7.90
8.20
7.40
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4–Vout
Com
5+Vout
-Vout
7
No Pin
+Vout
8NC
No Pin
10
No Pin
NC
NC = No Connection
Dual SMD Package
Single SMD Package
Recommended Footprint Details


Similar Part No. - RSS-1505

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-1505 RECOM-RSS-1505 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-1505 RECOM-RSS-1505 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-1505HP RECOM-RSS-1505HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-1505P RECOM-RSS-1505P Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
More results

Similar Description - RSS-1505

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com