Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF1504 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SUF1504
Description  HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SUF1504 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SUF1504 Datasheet HTML 1Page - Gulf Semiconductor SUF1504 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SUF1500 THRU SUF1508
HIGH EFFICIENT
PLASTIC SILICON RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.5A
FEATURE
DO-15
Low power loss
High surge capability
Ultrafast recovery time for high efficiency
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYM
BOL
SUF
1500
SUF
1501
SUF
1502
SUF
1504
SUF
1506
SUF
1507
SUF
1508
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8’lead length at Ta =55
°C
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage at Forward
current 2.0A Peak
Vf
1.0
1.4
1.7
V
Maximum DC Reverse Current
T =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
10.0
100.0
µA
µA
Maximum Reverse Recovery Time (Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
50
30
pF
Typical Thermal Resistance (Note 3)
R(ja)
20.0
°C/
W
Storage and Operating Junction Temperature
Tstg,
Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - SUF1504

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF15 GE-SUF15 Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
SUF15G GE-SUF15G Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
SUF15G VISHAY-SUF15G Datasheet
98Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
General Semiconductor
SUF15J GE-SUF15J Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
SUF15J VISHAY-SUF15J Datasheet
98Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Similar Description - SUF1504

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SUF4001 GULFSEMI-SUF4001 Datasheet
74Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SUF5400 GULFSEMI-SUF5400 Datasheet
529Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
SUF2001 GULFSEMI-SUF2001 Datasheet
356Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
MUR105S GULFSEMI-MUR105S Datasheet
99Kb / 3P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
FR151 GULFSEMI-FR151 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU2AG GULFSEMI-RU2AG Datasheet
107Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com