Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV14ANSRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV14ANSRG4
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV14ANSRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV14ANSRG4 Datasheet HTML 1Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 2Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 3Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 4Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 5Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 6Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 7Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 8Page - Texas Instruments SN74LV14ANSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
SN54LV14A, SN74LV14A
HEX SCHMITT-TRIGGER INVERTERS
SCLS386 J – SEPTEMBER 1997 – REVISED APRIL 2005
SN54LV14A(2)
SN74LV14A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
VCC = 2.3 V to 2.7 V
–2
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
–6
mA
VCC = 4.5 V to 5.5 V
–12
–12
VCC = 2 V
50
50
µA
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product Preview
over recommended operating free-air temperature range (unless otherwise noted)
SN54LV14A(1)
SN74LV14A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
2.5 V
1.75
1.75
VT+
Positive-going
3.3 V
2.31
2.31
V
threshold
5 V
3.5
3.5
2.5 V
0.75
0.75
VT–
Negative-going
3.3 V
0.99
0.99
V
threshold
5 V
1.5
1.5
2.5 V
0.25
0.25
ΔVT
Hysteresis
3.3 V
0.33
0.33
V
(VT+ – VT–)
5 V
0.5
0.5
IOH = –50 µA
2 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –2 mA
2.3 V
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = VCC or GND
0 to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
3.3 V
2.3
2.3
Ci
VI = VCC or GND
pF
5 V
2.3
2.3
(1)
Product Preview
Copyright © 1997–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN54LV14A SN74LV14A


Similar Part No. - SN74LV14ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV14ANSRG4 TI-SN74LV14ANSRG4 Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LV14ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com