Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-3.305D Datasheet(PDF) 4 Page - Recom International Power

Part # RB-3.305D
Description  ECONOLINE - DC/DC - CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-3.305D Datasheet(HTML) 4 Page - Recom International Power

  RB-3.305D Datasheet HTML 1Page - Recom International Power RB-3.305D Datasheet HTML 2Page - Recom International Power RB-3.305D Datasheet HTML 3Page - Recom International Power RB-3.305D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
34
www.recom-international.com
April-2005
Package Style and Pinning (mm)
RB &
&
RA
Series
ECONOLINE
DC/DC-Converter
3rd angle
projection
14 PIN DIP Package
3.25
7.10
15.24
2.0
Bottom View
7.62
10.00
ø 0.51 typ.
Top View
Dual Output
Single Output
RECOM
RA-0505S
****
98
11
14
17
2.54
1.00ø+0.15/–0
2.54
19.90
RECOM
RA-0505D
****
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
7NC
NC
8
–Vout
Com
9
+Vout
+Vout
11
NC
–Vout
14
+Vin
+Vin
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm


Similar Part No. - RB-3.305D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-3.305D RECOM-RB-3.305D Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-3.305DHP RECOM-RB-3.305DHP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-3.305DP RECOM-RB-3.305DP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RB-3.305D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com