Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10200FCT Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SB10200FCT
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB10200FCT Datasheet(HTML) 2 Page - Gulf Semiconductor

  SB10200FCT Datasheet HTML 1Page - Gulf Semiconductor SB10200FCT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB10150FCT


Similar Part No. - SB10200FCT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
More results

Similar Description - SB10200FCT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com