Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB390 Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SB390
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB390 Datasheet(HTML) 2 Page - Gulf Semiconductor

  SB390 Datasheet HTML 1Page - Gulf Semiconductor SB390 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB370 THRU SB3100
2 Rev.A5
www.gulfsemi.com


Similar Part No. - SB390

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SB390 ZOWIE-SB390 Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB390 DIOTEC-SB390 Datasheet
92Kb / 2P
   Schottky Barrier Rectifiers
logo
Diodes Incorporated
SB390 DIODES-SB390 Datasheet
60Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS30134 Rev. 2 - 2
logo
Diotec Semiconductor
SB390 DIOTEC-SB390 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
EIC discrete Semiconduc...
SB390 EIC-SB390 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB390

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
logo
Mospec Semiconductor
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Leshan Radio Company
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com