Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB370 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB370
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB370 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB370 Datasheet HTML 1Page - Gulf Semiconductor SB370 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB370 THRU SB3100
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 70 TO 100V
CURRENT: 3.0A
FEATURE
DO-201AD
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB
370
SB
380
SB
390
SB
3100
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
70
80
90
100
V
Maximum RMS Voltage
Vrms
49
56
63
70
V
Maximum DC blocking Voltage
Vdc
70
80
90
100
V
Maximum Average Forward Rectified
Current 3/8" lead length
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
80.0
A
Maximum Forward Voltage at 3.0A DC
Vf
0.79
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =100°C
Ir
500
20.0
uA
mA
Typical Junction Capacitance
(Note 1)
Cj
90
pF
Typical Thermal Resistance
(Note 2)
R(ja)
25.0
°C /W
Storage Temperature Range
Tstg
-55 to +150
°C
Operating Temperature Range
Tj
-55 to +125
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1 Rev.A5
www.gulfsemi.com


Similar Part No. - SB370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB370 DIODES-SB370 Datasheet
60Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS30134 Rev. 2 - 2
logo
Diode Semiconductor Kor...
SB370 DSK-SB370 Datasheet
308Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SB370 EIC-SB370 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Shanghai Shunye Electro...
SB370 SY-SB370 Datasheet
667Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SB370 GOOD-ARK-SB370 Datasheet
191Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB370

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
logo
Mospec Semiconductor
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Leshan Radio Company
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com