Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH04T240FAD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAD
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAD Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH04T240FAD Datasheet HTML 4Page - Texas Instruments PTH04T240FAD Datasheet HTML 5Page - Texas Instruments PTH04T240FAD Datasheet HTML 6Page - Texas Instruments PTH04T240FAD Datasheet HTML 7Page - Texas Instruments PTH04T240FAD Datasheet HTML 8Page - Texas Instruments PTH04T240FAD Datasheet HTML 9Page - Texas Instruments PTH04T240FAD Datasheet HTML 10Page - Texas Instruments PTH04T240FAD Datasheet HTML 11Page - Texas Instruments PTH04T240FAD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA (VI = 3.3 V)
0
60
50
2
4
6
8
10
80
70
100
90
1.8 V
1.5 V
1.2 V
1.0 V
0.7 V
1.8 V
1.5 V
1.2 V
1.0 V
0.7 V
V
O (V)
I
O - Output Current - A
0
6
2
4
6
8
10
0.7 V
1.2 V
12
16
14
1.2 V
0.7 V
V
O (V)
8
10
I
O - Output Current - A
0
0.4
8
2
4
6
8
10
1.2
0.8
2.0
1.6
0.7 V
1.8 V
1.2 V
1.8 V
1.2 V
0.7 V
V
O (V)
I
O - Output Current - A
IO − Output Current − A
0
30
20
2
4
6
8
10
60
40
70
50
Natural Convection
For All VO
90
80
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
Figure 7.
SAFE OPERATING AREA
Figure 8.
(1)
The electrical characteristic data has been developed from actual products tested at 25C. This data is considered typical for the
converter. Applies to Figure 5, Figure 6, and Figure 7.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information. Applies to Figure 8.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F


Similar Part No. - PTH04T240FAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240FAD TI-PTH04T240FAD Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results

Similar Description - PTH04T240FAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240F TI-PTH04T240F Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_08 Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T260WAZ TI-PTH04T260WAZ Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH04T261WAD TI-PTH04T261WAD Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com