Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LV31EIRGYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LV31EIRGYR
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31EIRGYR Datasheet(HTML) 4 Page - Texas Instruments

  AM26LV31EIRGYR Datasheet HTML 1Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 2Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 3Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 4Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 5Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 6Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 7Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 8Page - Texas Instruments AM26LV31EIRGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
AM26LV31E
SLLS848A – APRIL 2008 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–30
mA
IOL
Low-level output current
30
mA
TA
Operating free-air temperature
–40
85
°C
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage
VIH = 2 V, VIL = 0.8 V, IOH = –20 mA
2.4
3
V
VOL
Low-level output voltage
VIH = 2 V, VIL = 0.8 V, IOL = 20 mA
0.2
0.4
V
|VOD1|
Differential output voltage
IO = 0 mA
2
4
V
|VOD2|
Differential output voltage
RL = 100 Ω (see Figure 1)
(2)
2
2.6
V
Change in magnitude of
Δ|VOD|
RL = 100 Ω (see Figure 1)
(2)
±0.4
V
differential output voltage
VOC
Common-mode output voltage
RL = 100 Ω (see Figure 1)
(2)
1.5
2
V
Change in magnitude of
Δ|VOC|
RL = 100 Ω (see Figure 1)
(2)
±0.4
V
common-mode output voltage
IO(OFF)
Output current with power off
VCC = 0, VO = –0.25 V or 5.5 V
±100
µA
IOZ
High-impedance state output current
VO = –0.25 V or 5.5 V, G = 0.8 V or G = 2 V
±100
µA
II
Input current
VCC = 0 or 3.6 V, VI = 0 or 5.5 V
±10
µA
IOS
Short-circuit output current
VO = VCC or GND
(3)
–30
–150
mA
ICC
Supply current (total package)
VI = VCC or GND, No load, enable
100
µA
Cpd
Power dissipation capacitance
No load(4)
160
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Refer to TIA-EIA-422-B for exact conditions.
(3)
Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
(4)
Cpd determines the no-load dynamic current consumption. IS = Cpd × VCC × f + ICC
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AM26LV31E


Similar Part No. - AM26LV31EIRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31EIRGYR TI-AM26LV31EIRGYR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - AM26LV31EIRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com