Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA870IRHDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA870IRHDR
Description  High-Speed, Fully Differential, Programmable-Gain Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA870IRHDR Datasheet(HTML) 5 Page - Texas Instruments

  PGA870IRHDR Datasheet HTML 1Page - Texas Instruments PGA870IRHDR Datasheet HTML 2Page - Texas Instruments PGA870IRHDR Datasheet HTML 3Page - Texas Instruments PGA870IRHDR Datasheet HTML 4Page - Texas Instruments PGA870IRHDR Datasheet HTML 5Page - Texas Instruments PGA870IRHDR Datasheet HTML 6Page - Texas Instruments PGA870IRHDR Datasheet HTML 7Page - Texas Instruments PGA870IRHDR Datasheet HTML 8Page - Texas Instruments PGA870IRHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LATCHMODE
V
S+
IN+
V
MID2
IN-
V
S+
GAINSTROBE
GND
V
S+
OUT+
GND
OUT-
V
S+
GND
1
2
3
4
5
6
7
21
20
19
18
17
16
15
PowerPADä
PGA870
www.ti.com
SBOS436 – DECEMBER 2009
PIN CONFIGURATION
QFN-28
RHD PACKAGE
(TOP VIEW)
PIN ASSIGNMENTS
PIN NUMBER
PIN NAME
DESCRIPTION
Controls latched and unlatched acquisition of the gain control word (B0 to B5). See the application section Gain
1
LATCH MODE
Control Modes for a detailed description.
2, 6, 11, 16, 20, 25
VS+
+5V power supply
3
IN+
Noninverting input
Buffer output for the internal midsupply reference. This point is the output of an active buffer which is not intended
4
VMID2
to drive an external load. It should be bypassed by a 0.1-
μF capacitor.
5
IN–
Inverting input
7
GAIN STROBE
Gain latch clock pin
8
B5 (MSB)
Gain control MSB
9
B4
Gain control bit 4
10
B3
Gain control bit 3
12
B2
Gain control bit 2
13
B1
Gain control bit 1
14
B0 (LSB)
Gain control bit 0
17
OUT–
Inverting output
15, 18, 21, 22, 23,
GND
Ground
24, 26
19
OUT+
Noninverting output
27
PD
Active low power-down for device analog circuitry. Gain control CMOS circuitry is still active when PD is low.
Chip bypass pin for internal midsupply reference. This point is the midpoint of a resistive voltage divider and is not
28
VMID1
intended to function as an input. It should be bypassed with a 0.1-
μF capacitor.
Thermal Pad
PowerPAD
Thermal contact for heat dissipation. The thermal pad must be connected to electrical ground.
Copyright © 2009, Texas Instruments Incorporated
5
Product Folder Link(s): PGA870


Similar Part No. - PGA870IRHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA870IRHDR TI-PGA870IRHDR Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870IRHDR NSC-PGA870IRHDR Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
More results

Similar Description - PGA870IRHDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Cirrus Logic
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
   High-Z, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
   HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com