Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP8P128A13B1760E Datasheet(PDF) 9 Page - Numonyx B.V

Part # NP8P128A13B1760E
Description  128-Mbit Parallel Phase Change Memory
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NP8P128A13B1760E Datasheet(HTML) 9 Page - Numonyx B.V

Back Button NP8P128A13B1760E Datasheet HTML 5Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 6Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 7Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 8Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 9Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 10Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 11Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 12Page - Numonyx B.V NP8P128A13B1760E Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
July 2010
316144-07
9
Numonyx® Omneo™ P8P Datasheet
1.3
Memory Map
This section cover the memory map for the Top and Bottom boot devices
Table 1:
Top Parameter Memory Map
Programming Region
Number
Size
(KW)
Blk
128-Mbit
7
16
130
7FC000-7FFFFF
16
129
7F8000-7FBFFF
16
128
7F4000-7F7FFF
16
127
7F0000-7F3FFF
64
126
7E0000-7EFFFF
64
112
700000-70FFFF
6
64
111
6F0000-6FFFFF
64
96
600000-60FFFF
5
64
95
5F0000-5FFFFF
64
80
500000-50FFFF
4
64
79
4F0000-4FFFFF
64
64
400000-40FFFF
3
64
63
3F0000-3FFFFF
64
48
300000-30FFFF
2
64
47
2F0000-2FFFFF
64
32
200000-20FFFF
1
64
31
1F0000-1FFFFF
64
16
100000-10FFFF
0
64
15
0F0000-0FFFFF
64
0
000000-00FFFF


Similar Part No. - NP8P128A13B1760E

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NP8-DSS DOMINANT-NP8-DSS Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CDE-S12-AZ NEC-NP80N03CDE-S12-AZ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP8P128A13B1760E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
logo
Numonyx B.V
NP5Q128A13ESFC0E NUMONYX-NP5Q128A13ESFC0E Datasheet
1Mb / 56P
   128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
logo
Cypress Semiconductor
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
FM21L16 CYPRESS-FM21L16 Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
   128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Microchip Technology
SST38LF6401ET MICROCHIP-SST38LF6401ET Datasheet
531Kb / 47P
   64-Mbit (x16) Extended Temperature Parallel Flash Memory
09/14/21
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com