Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP5Q128A13ESFC0E Datasheet(PDF) 7 Page - Numonyx B.V

Part # NP5Q128A13ESFC0E
Description  128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NP5Q128A13ESFC0E Datasheet(HTML) 7 Page - Numonyx B.V

Back Button NP5Q128A13ESFC0E Datasheet HTML 3Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 4Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 5Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 6Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 7Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 8Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 9Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 10Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Numonyx® Omneo™ P5Q Datasheet
Description
7/56
1.2
Product Description
The Omneo™ P5Q PCM s a 128-Mbit (16 Mb x 8) SPI phase change memory, with
advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.
Omneo™ P5Q PCM product supports four new, high-performance dual and quad
input/output instructions:
Dual output fast read (DOFR) instruction used to read data at up to 66 MHz by
using both DQ0 and DQ1 pins as outputs
Quad output fast read (QOFR) instruction used to read data at up to 50 MHz by
using DQ0, DQ1, DQ2(W) and DQ3(HOLD) pins as outputs
Dual input fast program (DIFP) instruction used to program data at up to 66 MHz
by using both DQ0 and DQ1 pins as inputs
Quad input fast program (QIFP) instruction used to program data at up to 50 MHz
by using DQ0, DQ1, DQ2(W) and DQ3(HOLD) pins as inputs
These new instructions double or quadruple the transfer bandwidth for read and program
operations.
The memory can be programmed 1 to 64 bytes at a time, using the page program, dual
input fast program and quad input fast program instructions.
The memory is organized as 128 sectors that are further divided into 1,024 pages each
(131,072 pages in total).
For compatibility with flash memory devices, Omneo™ P5Q PCM supports sector erase
(128-Kbyte sector) and bulk erase instructions.
It can be write protected by software using a mix of volatile and non-volatile protection
features, depending on the application needs. The protection granularity is of 128 Kbytes
(sector granularity).


Similar Part No. - NP5Q128A13ESFC0E

ManufacturerPart #DatasheetDescription
logo
3M Electronics
NP5 3M-NP5 Datasheet
15Kb / 2P
   Packing List Envelopes
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Naina Semiconductor ltd...
NP5002 NAINA-NP5002 Datasheet
135Kb / 2P
   Press Fit Diode, 50A
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
More results

Similar Description - NP5Q128A13ESFC0E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25P128-VMF6TPB MICRON-M25P128-VMF6TPB Datasheet
905Kb / 47P
   128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
Numonyx B.V
M24512-DFMC6TG NUMONYX-M24512-DFMC6TG Datasheet
905Kb / 47P
   128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
STMicroelectronics
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
   128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Numonyx B.V
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
NP8P128A13BSM60E NUMONYX-NP8P128A13BSM60E Datasheet
741Kb / 92P
   128-Mbit Parallel Phase Change Memory
logo
SPANSION
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com