Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3788
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3788 Datasheet HTML 2Page - Linear Technology LTC3788 Datasheet HTML 3Page - Linear Technology LTC3788 Datasheet HTML 4Page - Linear Technology LTC3788 Datasheet HTML 5Page - Linear Technology LTC3788 Datasheet HTML 6Page - Linear Technology LTC3788 Datasheet HTML 7Page - Linear Technology LTC3788 Datasheet HTML 8Page - Linear Technology LTC3788 Datasheet HTML 9Page - Linear Technology LTC3788 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3788
6
3788fa
TYPICAL PERFORMANCE CHARACTERISTICS
Inductor Current at Light Load
Soft Start-Up
Regulated Feedback Voltage
vs Temperature
PULSE-SKIPPING
MODE
Burst Mode
OPERATION
5A/DIV
FORCED
CONTINUOUS MODE
VIN = 12V
VOUT = 24V
ILOAD = 200μA
FIGURE 9 CIRCUIT
5μs/DIV
3788 G07
0V
VOUT
5V/DIV
VIN = 12V
VOUT = 24V
FIGURE 9 CIRCUIT
20ms/DIV
3788 G08
TEMPERATURE (°C)
–45
1.209
30
3788 G09
1.200
1.194
–20
5
55
1.191
1.188
1.212
1.206
1.203
1.197
80
105
130
Shutdown Current vs Temperature
Soft-Start Pull-Up Current
vs Temperature
Shutdown Current
vs Input Voltage
TEMPERATURE (°C)
–45
10.5
30
3788 G10
–20
5
55
9.0
11.0
10.0
9.5
80
105
130
–45
30
–20
5
55
80
105
130
TEMPERATURE (°C)
7.0
9.5
10.0
10.5
11.0
6.0
8.5
6.5
9.0
5.5
5.0
8.0
7.5
3788 G11
VIN = 12V
015
510
20
25
30
35
40
INPUT VOLTAGE (V)
10
20
5
0
15
3788 G12


Similar Part No. - LTC3788

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3788 LINER-LTC3788 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com