Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G66DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DBVR
Description  SINGLE BILATERAL ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G66DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
Switching Characteristics
Analog Switch Characteristics
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323L – JUNE 2001 – REVISED JANUARY 2007
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
tpd(1)
A or B
B or A
2
1.2
0.8
0.6
ns
ten(2)
C
A or B
2.5
12
1.9
6.5
1.8
5
1.5
4.2
ns
tdis(3)
C
A or B
2.2
10
1.4
6.9
2
6.5
1.4
5
ns
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
T
A = 25°C
FROM
TO
TEST
PARAMETER
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
120
fin = sine wave
3 V
175
(see Figure 6)
4.5 V
195
Frequency response(1)
A or B
B or A
MHz
(switch ON)
1.65 V
>300
CL = 5 pF, RL = 50 Ω,
2.3 V
>300
fin = sine wave
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
50
Crosstalk
C
A or B
fin = 1 MHz (square wave)
mV
(control input to signal output)
3 V
70
(see Figure 7)
4.5 V
100
1.65 V
–58
CL = 50 pF, RL = 600 Ω,
2.3 V
–58
fin = 1 MHz (sine wave)
3 V
–58
(see Figure 8)
4.5 V
–58
Feedthrough attenuation(2)
A or B
B or A
dB
(switch OFF)
1.65 V
–42
CL = 5 pF, RL = 50 Ω,
2.3 V
–42
fin = 1 MHz (sine wave)
3 V
–42
(see Figure 8)
4.5 V
–42
1.65 V
0.1
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025
fin = 1 kHz (sine wave)
3 V
0.015
(see Figure 9)
4.5 V
0.01
Sine-wave distortion
A or B
B or A
%
1.65 V
0.15
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025
fin = 10 kHz (sine wave)
3 V
0.015
(see Figure 9)
4.5 V
0.01
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
(2)
Adjust fin voltage to obtain 0 dBm at input.
4
Submit Documentation Feedback


Similar Part No. - SN74LVC1G66DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DBVR TI-SN74LVC1G66DBVR Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVR TI1-SN74LVC1G66DBVR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66DBVRE4 TI1-SN74LVC1G66DBVRE4 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66DBVRG4 TI1-SN74LVC1G66DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
More results

Similar Description - SN74LVC1G66DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com