Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP05-1215DE Datasheet(PDF) 1 Page - Recom International Power

Part # RP05-1215DE
Description  POWERLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP05-1215DE Datasheet(HTML) 1 Page - Recom International Power

  RP05-1215DE Datasheet HTML 1Page - Recom International Power RP05-1215DE Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PO 28
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 5 Watt, 1.6 kV Isolation, Regulated & Wide Input Range (Single & Dual Output)
2:1 Input Range
Include 3.3VDC Output
Short Circuit Protection With
Autorecovery
Efficiency up to 80%
Six-Sided Shield
300kHz Switching Frequency
Operating Temperature Range
–25°C to +71°C
Low Profile, 9.5mm Height
Pi Input Filter
MTBF 1.186 x 106 Hours
2 Year Warranty
1600 VDC Isolation Voltage
Option to „M1“ Operating
Temperature -40°C to +85°C
International Safety Standard
Approvals
UL 1950 Component Recognised
Features
Part Number
Input
Output
Output
Efficiency
Range
Voltage
Current
(%)
RP05-1233SE
9-18 VDC
3.3 VDC
1000 mA
73
RP05-1205SE
9-18 VDC
5 VDC
1000 mA
73
RP05-1212SE
9-18 VDC
12 VDC
470 mA
80
RP05-1215SE
9-18 VDC
15 VDC
400 mA
80
RP05-1205DE
9-18 VDC
±5 VDC
±500 mA
74
RP05-1212DE
9-18 VDC
±12 VDC
±230 mA
80
RP05-1215DE
9-18 VDC
±15 VDC
±190 mA
80
RP05-2433SE
18-36 VDC
3.3 VDC
1000 mA
74
RP05-2405SE
18-36 VDC
5 VDC
1000 mA
74
RP05-2412SE
18-36 VDC
12 VDC
470 mA
82
RP05-2415SE
18-36 VDC
15 VDC
400 mA
82
RP05-2405DE
18-36 VDC
±5 VDC
±500 mA
74
RP05-2412DE
18-36 VDC
±12 VDC
±230 mA
82
RP05-2415DE
18-36 VDC
±15 VDC
±190 mA
82
RP05-4833SE
36-75 VDC
3.3 VDC
1000 mA
75
RP05-4805SE
36-75 VDC
5 VDC
1000 mA
75
RP05-4812SE
36-75 VDC
12 VDC
470 mA
81
RP05-4815SE
36-75 VDC
15 VDC
400 mA
81
RP05-4805DE
36-75 VDC
±5 VDC
±500 mA
74
RP05-4812DE
36-75 VDC
±12 VDC
±230 mA
81
RP05-4815DE
36-75 VDC
±15 VDC
±190 mA
81
Selection Guide 12V, 24V, 48V Input Types
Maximum Capacitive Load
RP05-xxS33
3700µF
RP05-xxS05
1700µF
RP05-xxS12
290µF
RP05-xxS15
188µF
RP05-xxD05
±850µF
RP05-xxD12
±140µF
August 2002


Similar Part No. - RP05-1215DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP05-1215DA RECOM-RP05-1215DA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-1215DF RECOM-RP05-1215DF Datasheet
114Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP05-1215DF RECOM-RP05-1215DF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP05-1215DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-2433SG RECOM-RP40-2433SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP03-240SH RECOM-RP03-240SH Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP100-483305DS RECOM-RP100-483305DS Datasheet
136Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-2418SE RECOM-RP30-2418SE Datasheet
113Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP20-2415SF RECOM-RP20-2415SF Datasheet
125Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP05-1233SF RECOM-RP05-1233SF Datasheet
114Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP05-2405SEW RECOM-RP05-2405SEW Datasheet
96Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP60-1233SE RECOM-RP60-1233SE Datasheet
94Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP08-1233SA RECOM-RP08-1233SA Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-2418SEW RECOM-RP30-2418SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com