Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV273ADGVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV273ADGVR
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV273ADGVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV273ADGVR Datasheet HTML 1Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 2Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 3Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 4Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 5Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 6Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 7Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 8Page - Texas Instruments SN74LV273ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54LV273A, SN74LV273A
OCTAL DTYPE FLIPFLOPS
WITH CLEAR
SCLS399J − APRIL 1998 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV273A
SN74LV273A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR low
6.5
7
7
ns
tw
Pulse duration
CLK high or low
7
8.5
8.5
ns
tsu
Setup time, data before CLK
Data
8.5
10.5
10.5
ns
tsu
Setup time, data before CLK
CLR inactive
4
4
4
ns
th
Hold time, data after CLK
0.5
1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV273A
SN74LV273A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR low
5
6
6
ns
tw
Pulse duration
CLK high or low
5
6.5
6.5
ns
tsu
Setup time, data before CLK
Data
5.5
6.5
6.5
ns
tsu
Setup time, data before CLK
CLR inactive
2.5
2.5
2.5
ns
th
Hold time, data after CLK
1
1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV273A
SN74LV273A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR low
5
5
5
ns
tw
Pulse duration
CLK high or low
5
5
5
ns
tsu
Setup time, data before CLK
Data
4.5
4.5
4.5
ns
tsu
Setup time, data before CLK
CLR inactive
2
2
2
ns
th
Hold time, data after CLK
1
1
1
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV273A
SN74LV273A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
55*
95*
45*
45
MHz
fmax
CL = 50 pF
45
75
40
40
MHz
tpd
CLK
Q
CL = 15 pF
10.4*
18.3*
1*
20.5*
1
20.5
ns
tPHL
CLR
Q
CL = 15 pF
10.3*
19*
1*
21*
1
21
ns
tpd
CLK
Q
12.9
22.1
1
25
1
25
tPHL
CLR
Q
CL = 50 pF
13.1
22.8
1
25.5
1
25.5
ns
tsk(o)
CL = 50 pF
2
2
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV273ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV273ADGVR TI-SN74LV273ADGVR Datasheet
155Kb / 17P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV273ADGVR TI-SN74LV273ADGVR Datasheet
870Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV273ADGVR TI-SN74LV273ADGVR Datasheet
2Mb / 40P
[Old version datasheet]   nullSN74LV273A Octal D-Type Flip-Flops With Clear
REVISED NOVEMBER 2022
SN74LV273ADGVR TI-SN74LV273ADGVR Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV273A Octal D-Type Flip-Flops With Clear
REVISED NOVEMBER 2022
SN74LV273ADGVR TI1-SN74LV273ADGVR Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV273A Octal D-Type Flip-Flops With Clear
REVISED JANUARY 2023
More results

Similar Description - SN74LV273ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com