Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3245ADBQRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CBTLV3245ADBQRG4
Description  LOW-VOLTAGE OCTAL FET BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV3245ADBQRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBTLV3245ADBQRG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV3245ADBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
NC - No internal connection
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN74CBTLV3245A
LOW-VOLTAGE OCTAL FET BUS SWITCH
SCDS034M – JULY 1997 – REVISED AUGUST 2005
Standard '245-Type Pinout
Latch-Up Performance Exceeds 250 mA Per
JESD 17
5-
Ω Switch Connection Between Two Ports
ESD Protection Exceeds JESD 22
Rail-to-Rail Switching on Data I/O Ports
– 2000-V Human-Body Model (A114-A)
I
off Supports Partial-Power-Down Mode
Operation
– 200-V Machine Model (A115-A)
The SN74CBTLV3245A provides eight bits of high-speed bus switching in a standard '245 device pinout. The low
on-state resistance of the switch allows connections to be made with minimal propagation delay.
The device is organized as one 8-bit switch. When output enable (OE) is low, the 8-bit bus switch is on, and port
A is connected to port B. When OE is high, the switch is open, and the high-impedance state exists between the
two ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
SN74CBTLV3245ARGYR
CL245A
Tube
SN74CBTLV3245ADW
SOIC – DW
CBTLV3245A
Tape and reel
SN74CBTLV3245ADWR
SSOP (QSOP) – DBQ
Tape and reel
SN74CBTLV3245ADBQR
CBTLV3245A
–40
°C to 85°C
TSSOP – PW
Tape and reel
SN74CBTLV3245APWR
CL245A
TVSOP – DGV
Tape and reel
SN74CBTLV3245ADGVR
CL245A
VFBGA – GQN
Tape and reel
SN74CBTLV3245AGQNR
CL245A
VFBGA – ZQN
Tape and reel
SN74CBTLV3245AZQNR
CL245A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74CBTLV3245ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245BQ NEXPERIA-74CBTLV3245BQ Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245BQ-Q100 NEXPERIA-74CBTLV3245BQ-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results

Similar Description - 74CBTLV3245ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244 TI1-SN74CBT3244_15 Datasheet
1Mb / 31P
[Old version datasheet]   Octal FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com