Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20 Datasheet(PDF) 4 Page - Recom International Power

Part # RP20
Description  20 Watt Single, Dual & Triple Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20 Datasheet(HTML) 4 Page - Recom International Power

  RP20 Datasheet HTML 1Page - Recom International Power RP20 Datasheet HTML 2Page - Recom International Power RP20 Datasheet HTML 3Page - Recom International Power RP20 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
231
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP20-S_D_TE
Series
Weight
48g
Dimensions
50.8 x 40.6 x 10.2mm
MTBF (see note 2)
1.928 x 106 Hours
1. The RP20 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control voltage is reference to negative input.
8. Heat sink is optional and P/N: 7G-0011A. Operation temperature range please see curve.
9. Cross regulation:
Dual output—Asymmetrical load 25% to 100% full load
Triple output – 3.3V / 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load
10. The RP20-xxxxTE (triple outputs) do not carry the UL certification.
11.See application notes for EMI-filtering.
Notes :
Package Style and Pinning (mm)
5
50.10
5.10
15.20
17.80
40.60
2
4
45.70
12.70
10.20
17.80
10.20
8
7
6
1
5.6
10.20
dia.
1.0
Bottom View
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
Triple
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
4
CTRL
CTRL
CTRL
5
No Pin
+Vout
+Auxiliary
6
+Vout
Com
+3.3V / 5V
7
-Vout
-Vout
Com
8
Trim
Trim
-Auxiliary
Trim Up
RU
Trim Down
RD
7(7)
8(8)
8(8)
6(5)
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim


Similar Part No. - RP20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015SFR RECOM-RP20-11015SFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RAC20-A RECOM-RAC20-A Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com