Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # BZX84C2V4
Description  Silicon 350 mWatt Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX84C2V4 Datasheet(HTML) 4 Page - Micro Commercial Components

  BZX84C2V4 Datasheet HTML 1Page - Micro Commercial Components BZX84C2V4 Datasheet HTML 2Page - Micro Commercial Components BZX84C2V4 Datasheet HTML 3Page - Micro Commercial Components BZX84C2V4 Datasheet HTML 4Page - Micro Commercial Components BZX84C2V4 Datasheet HTML 5Page - Micro Commercial Components BZX84C2V4 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
//htmlimg2.alldatasheet.com/htmldatasheet2/354336/MCC/BZX84C2V4/242/4/BZX84C2V4.png


Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V4 VISHAY-BZX84C2V4 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C2V4 MAKOSEMI-BZX84C2V4 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diotec Semiconductor
BZX84C2V4 DIOTEC-BZX84C2V4 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4_14 Datasheet
383Kb / 6P
   Silicon 350 mWatt Zener Diodes
BZX784C2V4 MCC-BZX784C2V4 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX784C10 MCC-BZX784C10 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4 Datasheet
126Kb / 4P
   Silicon 410 mWatt Zener Diodes
BZX84C2V4W MCC-BZX84C2V4W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
BZX584B2V4 MCC-BZX584B2V4 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4W MCC-BZX84C2V4W_13 Datasheet
243Kb / 5P
   Silicon 200 mWatt Zener Diodes
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
First Components Intern...
BZX84C2V7 FCI-BZX84C2V7 Datasheet
111Kb / 2P
   350 mW ZENER DIODES (2.7V to 51V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com