Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC548A-BP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BC548A-BP
Description  NPN Silicon Amplifier Transistor 625mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC548A-BP Datasheet(HTML) 3 Page - Micro Commercial Components

  BC548A-BP Datasheet HTML 1Page - Micro Commercial Components BC548A-BP Datasheet HTML 2Page - Micro Commercial Components BC548A-BP Datasheet HTML 3Page - Micro Commercial Components BC548A-BP Datasheet HTML 4Page - Micro Commercial Components BC548A-BP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCC
BC546 thru BC548C
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
-55°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
BC547/BC548
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4 0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7 1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
Revision: 7
2008/11/05
TM
Micro Commercial Components
www.mccsemi.com
3 of 5


Similar Part No. - BC548A-BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC548A MOTOROLA-BC548A Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Continental Device Indi...
BC548A CDIL-BC548A Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC548A ONSEMI-BC548A Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
New Jersey Semi-Conduct...
BC548A NJSEMI-BC548A Datasheet
72Kb / 2P
   NPN General Purpose Amplifier
logo
Siemens Semiconductor G...
BC548A SIEMENS-BC548A Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

Similar Description - BC548A-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
   PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com