Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C6V2-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # AZ23C6V2-TP
Description  300 mW Zener Diode 2.7 to 51 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

AZ23C6V2-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  AZ23C6V2-TP Datasheet HTML 1Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 2Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 3Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THRU
AZ23C51
300 mW
Zener Diode
2.
7 to 51 Volts
Features
Symbol
Parameter
Rating
Unit
PD
Power dissipation
300
mW
TSTG
Storage Temperature Range
-65 to +175
oC
AZ23C2V7
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: 2
2008/01/01
TM
Micro Commercial Components
1 of 4
Absolute Maximum Ratings
Dual zeners in common anode configuration.
300mW power dissipation rating.
Ideally suited for automatic insertion.
vz for both diodes in one case is
5%.
Case Material: Molded Plastic. UL Flammability .
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
K
L
L
.0
07
.020
.
20
.5
0
417
oC/W
RthJA
Thermal Resistance, Junction to Ambient Air
*Pin Configuration - Top View
Classification Rating 94V-0 and MSL Rating 1


Similar Part No. - AZ23C6V2-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C6V2-7-F DIODES-AZ23C6V2-7-F Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Vishay Siliconix
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
AZ23C6V2-V VISHAY-AZ23C6V2-V Datasheet
190Kb / 9P
   Small Signal Zener Diodes, Dual
Rev. 1.5, 24-Mar-06
More results

Similar Description - AZ23C6V2-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
   200 mW Zener Diode 4.3 to 51 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
   200 mW Zener Diode 2.7 to 39 Volts
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
   100 mW Zener Diode 2.7 to 39 Volts
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com