Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-0515 Datasheet(PDF) 2 Page - Recom International Power

Part # RI-0515
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI-0515 Datasheet(HTML) 2 Page - Recom International Power

  RI-0515 Datasheet HTML 1Page - Recom International Power RI-0515 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 52
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
RI Series, 2 Watt, SIP4 (Single Output)
Package Style and Pinning (mm)
2
13 4
RI-0505
RECOM
****
3
1.27 typ.
0.25
7.62
12
4
0.51 typ.
4.10
0.75 typ.
10.20
RI-0505
RECOM
****
7.55
11.50
2.54
2.54
1.00ø+0.15/–0
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
4 PIN SIP Package
Pin Connections
Pin #
Dual
1
-Vin
2
+Vin
3–Vout
4+Vout
Recommended Footprint Details


Similar Part No. - RI-0515

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI-0515 RECOM-RI-0515 Datasheet
91Kb / 2P
   2Watt SIP4 Single Output
RI-0515S RECOM-RI-0515S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RI-0515SP RECOM-RI-0515SP Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
More results

Similar Description - RI-0515

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com