Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G74DCTR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP1G74DCTR
Description  LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G74DCTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G74DCTR Datasheet HTML 5Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 6Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 7Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 8Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 9Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 10Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 11Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 12Page - Texas Instruments SN74AUP1G74DCTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN74AUP1G74
www.ti.com
SCES644C – MARCH 2006 – REVISED MARCH 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C to
TA = 25°C
FROM
TO
85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
41
1.2 V ± 0.1 V
75
50
1.5 V ± 0.1 V
95
55
fmax
MHz
1.8 V ± 0.15 V
100
60
2.5 V ± 0.2 V
150
130
3.3 V ± 0.3 V
200
160
0.8 V
35
1.2 V ± 0.1 V
2
12
23.1
4.1
23.2
1.5 V ± 0.1 V
2
8
14.1
2.9
14.6
Q
1.8 V ± 0.15 V
2
6
10.7
2.4
11.3
2.5 V ± 0.2 V
2
4
7
1.9
7.6
3.3 V ± 0.3 V
2
4
5.4
1.6
5.9
CLK
0.8 V
32
1.2 V ± 0.1 V
2
11
21.8
3.7
21.8
1.5 V ± 0.1 V
2
7
13.5
2.6
14
tpd
Q
ns
1.8 V ± 0.15 V
2
6
10.4
2.2
10.9
2.5 V ± 0.2 V
2
4
7.1
1.7
7.5
3.3 V ± 0.3 V
2
3
5.4
1.4
5.8
0.8 V
31
1.2 V ± 0.1 V
2
11
23
2
22.9
1.5 V ± 0.1 V
2
7
14
2
14.9
PRE or CLR
Q or Q
1.8 V ± 0.15 V
2
6
11
2
11.7
2.5 V ± 0.2 V
2
4
7
2
8.1
3.3 V ± 0.3 V
2
4
6
1.5
6.4
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP1G74


Similar Part No. - SN74AUP1G74DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G74DCTR TI-SN74AUP1G74DCTR Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74AUP1G74DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74AUP1G74 TI-SN74AUP1G74 Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com