Part Name
         Description
PTH08T220WAS

 16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans™ ( 38 Page)


TI
100% 
Zoom Out Zoom In
 29 page
background image
+
GND
SENSE
REF
CT
RESET
8
7
2
1
3
5
6
4
U1
U2
U3
+
UVLOProg
Inhibit/
GND
UVLOProg
Inhibit/
GND
AutoTrack TurboTrans
TurboTrans
R
TT2
R
TT1
AutoTrack
Smart
Sync
+Sense
VO
−Sense
VOAdj
VI
PTH08T210W
VO1=3.3V
C 1
O
C
O2
RSET1
1.62kW
VI =12V
V CC
RESET
RESIN
TL7712A
RRST
10kW
CT
2.2 F
m
CREF
0.1 F
m
C 1
I
+Sense
VO
−Sense
VOAdj
VI
C 2
I
VO2=1.8V
RSET2
4.75kW
PTH08T220W
t − Time − 20ms/div
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
t − Time − 400 s/div
m
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
www.ti.com................................................................................................................................................... SLTS252K – NOVEMBER 2005 – REVISED JUNE 2009
Figure 29. Sequenced Power Up and Power Down Using Auto-Track
Figure 30. Simultaneous Power Up
Figure 31. Simultaneous Power Down
With Auto-Track Control
With Auto-Track Control
Copyright © 2005–2009, Texas Instruments Incorporated
29
Product Folder Link(s): PTH08T220W PTH08T221W



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl