Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C5V6 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # AZ23C5V6
Description  300 mW Zener Diode 2.7 to 51 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

AZ23C5V6 Datasheet(HTML) 2 Page - Micro Commercial Components

  AZ23C5V6 Datasheet HTML 1Page - Micro Commercial Components AZ23C5V6 Datasheet HTML 2Page - Micro Commercial Components AZ23C5V6 Datasheet HTML 3Page - Micro Commercial Components AZ23C5V6 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
www.mccsemi.com
Revision: 2
2008/01/01
TM
Micro Commercial Components
2 of 4
Electrical Characteristics
@ TA= 25°C unless otherwise specified
Zener
voltage
Range (note1)
Maximum
zener
Impedance (note 2)
Min reverse
Voltage
(note1)
@ IZT=5.0mA
ZZT@IZT=5.0mA
ZZk@IZk=1.0mA
Typical
Temperature
coefficient
@IR=0.1uA
Type
Number
Marking
Code
VZ (volts )
Ohms
Ohms
Tc (%/
)
VR (volts)
AZ23C2V7
KD1
2.5-2.9
83
500
-0.065
AZ23C3V0
KD2
2.8-3.2
95
500
-0.060
AZ23C3V3
KD3
3.1-3.5
95
500
-0.055
AZ23C3V6
KD4
3.4-3.8
95
500
-0.055
AZ23C3V9
KD5
3.7-4.1
95
500
-0.050
AZ23C4V3
KD6
4.0-4.6
95
500
-0.035
AZ23C4V7
KD7
4.4-5.0
78
500
-0.015
AZ23C5V1
KD8
4.8-5.4
60
480
+0.005
0.8
AZ23C5V6
KD9
5.2-6.0
40
400
+0.020
1.0
AZ23C6V2
KDA
5.8-6.6
10
200
+0.030
2.0
AZ23C6V8
KDB
6.4-7.2
8.0
150
+0.045
3.0
AZ23C7V5
KDC
7.0-7.9
7.0
50
+0.050
5.0
AZ23C8V2
KDD
7.7-8.7
7.0
50
+0.055
6.0
AZ23C9V1
KDE
8.5-9.6
10
50
+0.065
7.0
AZ23C10
KDF
9.4-10.6
15
70
+0.065
7.5
AZ23C11
KDG
10.4-11.6
20
70
+0.070
8.5
AZ23C12
KDH
11.4-12.7
20
90
+0.075
9.0
AZ23C13
KDI
12.4-14.1
25
110
+0.080
10.0
AZ23C15
KDJ
13.8-15.6
30
110
+0.080
11.0
AZ23C16
KDK
15.
3-17.1
40
170
+0.090
12.0
AZ23C18
KDL
16.8-19.1
50
170
+0.090
14.0
AZ23C20
KDM
18.8-21.2
50
220
+0.090
15.0
AZ23C22
KDN
20.8-23.3
55
220
+0.090
17.0
AZ23C24
KDO
22.8-25.6
80
220
+0.090
18.0
AZ23C27
KDP
25.1-28.9
80
250
+0.090
20.0
AZ23C30
KDQ
28-32
80
250
+0.090
22.5
AZ23C33
KDR
31-35
80
250
+0.090
25.0
AZ23C36
KDS
34-38
90
250
+0.090
27.0
AZ23C39
KDT
37-41
90
300
+0.110
29.0
AZ23C43
D30
40-46
100
700
+0.110
32.0
AZ23C47
D31
44-50
100
750
+0.110
35.0
AZ23C51
D32
48-54
100
750
+0.110
38.0
Notes:
1. Short duration test pulse used to minmize self-heating effect.
2. f=1KHZ
AZ23C2V7 THRU AZ23C51


Similar Part No. - AZ23C5V6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C5V6 VISHAY-AZ23C5V6 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C5V6 JIANGSU-AZ23C5V6 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C5V6 DIODES-AZ23C5V6 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Diode Semiconductor Kor...
AZ23C5V6 DSK-AZ23C5V6 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C5V6 DIODES-AZ23C5V6 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C5V6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
   200 mW Zener Diode 4.3 to 51 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
   200 mW Zener Diode 2.7 to 39 Volts
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
   100 mW Zener Diode 2.7 to 39 Volts
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com