Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP20K1500E Datasheet(PDF) 7 Page - Altera Corporation

Part # EP20K1500E
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K1500E Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP20K1500E Datasheet HTML 3Page - Altera Corporation EP20K1500E Datasheet HTML 4Page - Altera Corporation EP20K1500E Datasheet HTML 5Page - Altera Corporation EP20K1500E Datasheet HTML 6Page - Altera Corporation EP20K1500E Datasheet HTML 7Page - Altera Corporation EP20K1500E Datasheet HTML 8Page - Altera Corporation EP20K1500E Datasheet HTML 9Page - Altera Corporation EP20K1500E Datasheet HTML 10Page - Altera Corporation EP20K1500E Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–7
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
The enhanced configuration device features multiple configuration schemes. In
addition to supporting the traditional passive serial (PS) configuration scheme for a
single device or a serial device chain, the enhanced configuration device features
concurrent configuration and parallel configuration. With the concurrent
configuration scheme, up to eight PS device chains can be configured simultaneously.
In the FPP configuration scheme, 8-bits of data are clocked into the FPGA each cycle.
These schemes offer significantly reduced configuration times over traditional
schemes.
Furthermore, the enhanced configuration device features a dynamic configuration or
page mode feature. This feature allows you to dynamically reconfigure all the FPGAs
in your system with new images stored in the configuration memory. Up to eight
different system configurations or pages can be stored in memory and selected using
the PGM[2..0] pins. Your system can be dynamically reconfigured by selecting one
of the eight pages and initiating a reconfiguration cycle.
This page mode feature combined with the external flash interface allows remote and
local updates of system configuration data. The enhanced configuration devices are
compatible with the Stratix Remote System Configuration feature.
1 For more information about Stratix Remote System Configuration, refer to the Remote
System Configuration with Stratix & Stratix GX Devices chapter in the Stratix Device
Handbook.
Other user programmable features include:
Real-time decompression of configuration data
Programmable configuration clock (DCLK)
Flash ISP
Programmable power-on-reset delay (PORSEL)
FPGA Configuration
FPGA configuration is managed by the configuration controller chip. This process
includes reading configuration data from the flash memory, decompressing it if
necessary, transmitting configuration data via the appropriate DATA[] pins, and
handling error conditions.
After POR, the controller determines the user-defined configuration options by
reading its option bits from the flash memory. These options include the configuration
scheme, configuration clock speed, decompression, and configuration page settings.
The option bits are stored at flash address location 0x8000 (word address) and occupy
512-bits or 32-words of memory. These options bits are read using the internal flash
interface and the default 10 MHz internal oscillator.
After obtaining the configuration settings, the configuration controller chip checks if
the FPGA is ready to accept configuration data by monitoring the nSTATUS and
CONF
_DONE lines. When the FPGA is ready (nSTATUS is high and CONF_DONE is low),
the controller begins data transfer using the DCLK and DATA[] output pins. The
controller selects the configuration page to be transmitted to the FPGA by sampling
its PGM[2..0] pins after POR or reset.


Similar Part No. - EP20K1500E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K1500E ALTERA-EP20K1500E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K1500E ALTERA-EP20K1500E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K1500E ALTERA-EP20K1500E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K1500E ALTERA-EP20K1500E Datasheet
724Kb / 117P
   Programmable Logic Device Family
EP20K1500E ALTERA-EP20K1500E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K1500E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
logo
Altera Corporation
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com