Electronic Components Datasheet Search |
|
SN74AVC32T245ZKER Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74AVC32T245ZKER Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page 1 FEATURES DESCRIPTION/ORDERING INFORMATION SN74AVC32T245 32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES553E – MAY 2004 – REVISED AUGUST 2007 www.ti.com 2 • Member of the Texas Instruments Widebus+™ • I/Os Are 4.6-V Tolerant Family • Max Data Rates • Control Inputs V IH/VIL Levels Are Referenced to – 380 Mbps (1.8-V to 3.3-V Translation) VCCA Voltage – 200 Mbps (< 1.8-V to 3.3-V Translation) • V CC Isolation Feature – If Either VCC Input Is at – 200 Mbps (Translate to 2.5 V or 1.8V) GND, Both Ports Are in the High-Impedance – 150 Mbps (Translate to 1.5 V) State – 100 Mbps (Translate to 1.2 V) • Overvoltage-Tolerant Inputs/Outputs Allow • Latch-Up Performance Exceeds 100 mA Per Mixed-Voltage-Mode Data Communications JESD 78, Class II • Fully Configurable Dual-Rail Design Allows • ESD Protection Exceeds JESD 22 Each Port to Operate Over Full 1.2-V to 3.6-V Power-Supply Range – 4000-V Human-Body Model (A114-A) • I off Supports Partial-Power-Down Mode – 200-V Machine Model (A115-A) Operation – 1000-V Charged-Device Model (C101) This 32-bit noninverting bus transceiver uses two separate configurable power-supply rails. The SN74AVC32T245 is optimized to operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is operational with VCCA/VCCB as low as 1.2 V. The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB accepts any supply voltage from 1.2 V to 3.6 V. This allows for universal low-voltage bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes. The SN74AVC32T245 is designed for asynchronous communication between data buses. The device transmits data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the outputs so the buses are effectively isolated. The SN74AVC32T245 is designed so that the control pins (1DIR, 2DIR, 3DIR, 4DIR, 1OE, 2OE, 3OE, and 4OE) are supplied by VCCA. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING LFBGA – GKE SN74AVC32T245GKER –40 °C to 85°C LFBGA – ZKE (Pb-free) Tape and reel SN74AVC32T245ZKER WY245 LFBGA – ZRL (Pb-free) SN74AVC32T245ZRLR (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Widebus+ is a trademark of Texas Instruments. UNLESS OTHERWISE NOTED this document contains Copyright © 2004–2007, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74AVC32T245ZKER |
|
Similar Description - SN74AVC32T245ZKER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |