Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-1.815S Datasheet(PDF) 1 Page - Recom International Power

Part # RB-1.815S
Description  ECONOLINE - DC/DC - CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-1.815S Datasheet(HTML) 1 Page - Recom International Power

  RB-1.815S Datasheet HTML 1Page - Recom International Power RB-1.815S Datasheet HTML 2Page - Recom International Power RB-1.815S Datasheet HTML 3Page - Recom International Power RB-1.815S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-international.com
31
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
DIP 14
(2kV)
(VDC)
(VDC)
(mA)
(%)
RB-xx1.8S
RA-xx1.8S (H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RB-xx3.3S
RA-xx3.3S (H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RB-xx05S
RA-xx05S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RB-xx09S
RA-xx09S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-78
RB-xx12S
RA-xx12S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
84
78-80
RB-xx15S
RA-xx15S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RB-xx24S
RA-xx24S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
RB-xx1.8D
RA-xx1.8D (H)
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RB-xx3.3D
RA-xx3.3D (H)
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RB-xx05D
RA-xx05D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
74-78
RB-xx09D
RA-xx09D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
76-79
RB-xx12D
RA-xx12D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±12
±42
80-82
RB-xx15D
RA-xx15D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RB-xx24D
RA-xx24D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
Single output types
100mVp-p max.
Dual output types
±75mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
Single
101mW min. / 126mW typ. / 171mW max.
Dual
87mW min. / 130mW typ. / 190mW max.
Isolation Voltage
(tested for 1 second)
1.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2.000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
continued on next page
1 Watt
SIP7 &
&
DIP14
Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RB &
&
RA
Series
Dual Output from a Single Input Rail
Power Sharing on Output
Industry Standard Pinout
1kVDC & 2kVDC Isolation
Custom Solutions Available
UL94V-0 Package Material
Efficiency to 85%
Features
Unregulated
Converters


Similar Part No. - RB-1.815S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-1.815S RECOM-RB-1.815S Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.815SHP RECOM-RB-1.815SHP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.815SP RECOM-RB-1.815SP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RB-1.815S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com