Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200241FA Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 200241FA
Description  BLUE TOOTH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

200241FA Datasheet(HTML) 1 Page - SUYIN USA, INC.

  200241FA Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
314
Mobile
OTHERS
Specifications:
Insulator Material
:
Warm Gray High Temp. Plastic
: 1.5A
: 115V AC
: 500V AC For 60 Seconds
Operating Type Range
Terminal Material
Platings
Max. Current Rating
Max. Voltage Rating
Dielectric Strength
Order Information
BLUE TOOTH CONNECTOR
200241FA Series
: Phos. Bronze
: Contact-Selective Gold
Plated or Full Gold Plated
Recommended P.C.B Layout
35.00
2.40
2.40
2.40
0.40
17.15
1.50
3.40
3.40
3.00
3.64
8.57
8.57
16.48
13.51
1.60X2
1.10X2
14.14
2.00
12
3
4 5
1. 'A' : Straight SMT Type
2. No. of pins.
3. Plating
4. Color 'P' : Warm Gray
5. Package
'A' : Tray Package Without Cap
Reference Page 11


Similar Part No. - 200241FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20024 ETC2-20024 Datasheet
129Kb / 1P
   Wiha Quality Tools
logo
SUYIN USA, INC.
200248FI SUYIN-USA-200248FI Datasheet
177Kb / 1P
   2.0mm DUAL ROW SOCKET I.D.C TYPE
More results

Similar Description - 200241FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ ETC-MZ Datasheet
132Kb / 1P
   EM Tooth Clutch
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-001 STANDEX-S12H-SSTDSO-R5CB2-001 Datasheet
565Kb / 3P
   Gear Tooth Speed Switch
Rev DBA
S12R-SSRDSO-NCSL5-001 STANDEX-S12R-SSRDSO-NCSL5-001 Datasheet
607Kb / 3P
   Gear Tooth Speed Switch
Rev CAA
S12H-SSTDSO-R5CB2-500 STANDEX-S12H-SSTDSO-R5CB2-500 Datasheet
566Kb / 3P
   Gear Tooth Speed Switch
Rev DBA
S12R-SSRDSO-NOSL5-500 STANDEX-S12R-SSRDSO-NOSL5-500 Datasheet
606Kb / 3P
   Gear Tooth Speed Switch
Rev CAA
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
List of Unclassifed Man...
MZS ETC-MZS Datasheet
110Kb / 1P
   EM Single-Position Tooth Clutch
logo
Allegro MicroSystems
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
   Hall effect Gear tooth Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com