Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G57DBVRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AUP1G57DBVRE4
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DBVRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G57DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 13Page - Texas Instruments SN74AUP1G57DBVRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUP1G57DBVR
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DBVRE4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DBVRG4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DBVT
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DBVTE4
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DBVTG4
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKR
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKRE4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKRG4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKT
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKTE4
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DCKTG4
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DRLR
ACTIVE
SOT
DRL
6
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DRLRG4
ACTIVE
SOT
DRL
6
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DRYR
ACTIVE
SON
DRY
6
5000 Green (RoHS &
no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57DSFR
ACTIVE
SON
DSF
6
5000 Green (RoHS &
no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
SN74AUP1G57YFPR
ACTIVE
DSBGA
YFP
6
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
SN74AUP1G57YZPR
ACTIVE
DSBGA
YZP
6
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
PACKAGE OPTION ADDENDUM
www.ti.com
27-Apr-2010
Addendum-Page 1


Similar Part No. - SN74AUP1G57DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57DBVRE4 TI-SN74AUP1G57DBVRE4 Datasheet
360Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DBVRE4 TI-SN74AUP1G57DBVRE4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G57DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com