Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26C31INSRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM26C31INSRG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31INSRG4 Datasheet(HTML) 2 Page - Texas Instruments

  AM26C31INSRG4 Datasheet HTML 1Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 2Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 3Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 4Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 5Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 6Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 7Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 8Page - Texas Instruments AM26C31INSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AM26C31
SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP (N)
Tube of 25
AM26C31CN
AM26C31CN
Tube of 40
AM26C31CD
SOIC (D)
AM26C31C
0°C to 70°C
Reel of 2500
AM26C31CDR
SOP (NS)
Reel of 2000
AM26C31CNSR
26C31
SSOP (DB)
Reel of 2000
AM26C31CDBR
26C31
PDIP (N)
Tube of 25
AM26C31IN
AM26C31IN
Tube of 40
AM26C31ID
SOIC (D)
AM26C31I
Reel of 2500
AM26C31IDR
–40°C to 85°C
SOP (NS)
Reel of 2000
AM26C31INSR
26C31I
SSOP (DB)
Reel of 2000
AM26C31IDBR
26C31I
TSSOP (PW)
Tube of 90
AM26C31IPW
26C31I
Tube of 40
AM26C31QD
–40°C to 125°C
SOIC (D)
AM26C31QD
Reel of 2500
AM26C31QDR
CDIP (J)
Tube of 25
AM26C31MJ
AM26C31MJ
–55°C to 125°C
CFP (W)
Tube of 150
AM26C31MW
AM26C31MW
LCCC (FK)
Tube of 55
AM26C31MFK
AM26C31MFK
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
(Each Driver)(1)
INPUT
ENABLES
OUTPUTS
A
G
G
Y
Z
H
H
X
H
L
L
H
X
L
H
H
X
L
H
L
L
X
L
L
H
X
L
H
Z
Z
(1)
H = High level, L = Low level, X = Irrelevant,
Z = High impedance (off)
2
Submit Documentation Feedback
Copyright © 1990–2008, Texas Instruments Incorporated
Product Folder Link(s): AM26C31


Similar Part No. - AM26C31INSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31INSRG4 TI-AM26C31INSRG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - AM26C31INSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com