Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC1G66DCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G66DCKR
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66DCKR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC1G66DCKR Datasheet HTML 1Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 2Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 3Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 4Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 5Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 6Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 7Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 8Page - Texas Instruments SN74AUC1G66DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Analog Switch Characteristics
Operating Characteristics
SN74AUC1G66
www.ti.com .......................................................................................................................................................... SCES386L – MARCH 2002 – REVISED JULY 2009
TA = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
60
1.1 V
60
CL = 50 pF, RL = 600 Ω,
fin = sine wave
1.4 V
80
(see Figure 5)
1.65 V
120
2.3 V
170
Frequency response(1)
A or B
B or A
MHz
(switch ON)
0.8 V
>500
1.1 V
>500
CL = 5 pF, RL = 50 Ω,
fin = sine wave
1.4 V
>500
(see Figure 5)
1.65 V
>500
2.3 V
>500
0.8 V
9
1.1 V
14
CL = 50 pF, RL = 600 Ω,
Crosstalk
C
A or B
fin = 1 MHz (square wave)
1.4 V
15
mV
(control input to signal output)
(see Figure 6)
1.65 V
16
2.3 V
20
0.8 V
–60
1.1 V
–60
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–60
(see Figure 7)
1.65 V
–60
2.3 V
–60
Feedthrough attenuation(2)
A or B
B or A
dB
(switch OFF)
0.8 V
–55
1.1 V
–55
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
–55
(see Figure 7)
1.65 V
–55
2.3 V
–55
0.8 V
7.5
1.1 V
0.16
CL = 50 pF, RL = 10 kΩ,
A or B
B or A
fin = 1 kHz (sine wave)
1.4 V
0.04
(see Figure 8)
1.65 V
0.03
2.3 V
0.02
Sine-wave distortion
%
0.8 V
4.2
1.1 V
0.2
CL = 50 pF, RL = 10 kΩ,
A or B
B or A
fin = 10 kHz (sine wave)
1.4 V
0.03
(see Figure 8)
1.65 V
0.02
2.3 V
0.02
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
(2)
Adjust fin voltage to obtain 0 dBm at input.
TA = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
3
3
3
3
3
pF
capacitance
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUC1G66


Similar Part No. - SN74AUC1G66DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66DCKR TI-SN74AUC1G66DCKR Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC1G66DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com