Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9555DB Datasheet(PDF) 11 Page - Texas Instruments

Part # PCA9555DB
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9555DB Datasheet HTML 7Page - Texas Instruments PCA9555DB Datasheet HTML 8Page - Texas Instruments PCA9555DB Datasheet HTML 9Page - Texas Instruments PCA9555DB Datasheet HTML 10Page - Texas Instruments PCA9555DB Datasheet HTML 11Page - Texas Instruments PCA9555DB Datasheet HTML 12Page - Texas Instruments PCA9555DB Datasheet HTML 13Page - Texas Instruments PCA9555DB Datasheet HTML 14Page - Texas Instruments PCA9555DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Reads
0
0
A2 A1 A0
0
1
0
0
A2
A1 A0
0
1
S
0
A
A
A
R/W
A
P
NA
S
R/W
1
MSB
LSB
MSB
LSB
Slave Address
Acknowledge
From Slave
Command Byte
Data From Upper
or Lower Byte
of Register
Last Byte
Data
Acknowledge
From Slave
Acknowledge
From Slave
Slave Address
Data From Lower
or Upper Byte
of Register
First Byte
Data
No Acknowledge
From Master
Acknowledge
From Master
At this moment, master transmitter
becomes master receiver, and
slave-receiver becomes
slave-transmitter.
1
2
3
4
5
6
7
8
9
S
0
1
0
0
A2
A1
A0
1
A
7
6
5
4
3
2
1
0
A
I0.x
7
6
5
4
3
2
1
0
A
I1.x
7
6
5
4
3
2
1
0
A
I0.x
7
6
5
4
3
2
1
0
1
I1.x
P
R/W
SCL
SDA
INT
Read From Port 0
Data Into Port 0
Read From Port 1
Data Into Port 1
Acknowledge
From Master
Acknowledge
From Slave
Acknowledge
From Master
Acknowledge
From Master
No Acknowledge
From Master
tiv
tir
PCA9555
www.ti.com ......................................................................................................................................................... SCPS131E – AUGUST 2005 – REVISED MAY 2008
The bus master first must send the PCA9555 address with the least-significant bit set to a logic 0 (see Figure 4
for device address). The command byte is sent after the address and determines which register is accessed.
After a restart, the device address is sent again, but this time, the least-significant bit is set to a logic 1. Data
from the register defined by the command byte then is sent by the PCA9555 (see Figure 8 through Figure 10).
After a restart, the value of the register defined by the command byte matches the register being accessed when
the restart occurred. For example, if the command byte references Input Port 1 before the restart, and the restart
occurs when Input Port 0 is being read, the stored command byte changes to reference Input Port 0. The original
command byte is forgotten. If a subsequent restart occurs, Input Port 0 is read first. Data is clocked into the
register on the rising edge of the ACK clock pulse. After the first byte is read, additional bytes may be read, but
the data now reflect the information in the other register in the pair. For example, if Input Port 1 is read, the next
byte read is Input Port 0.
Data is clocked into the register on the rising edge of the ACK clock pulse. There is no limitation on the number
of data bytes received in one read transmission, but when the final byte is received, the bus master must not
acknowledge the data.
Figure 8. Read From Register
A.
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (read
Input Port register).
B.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port (see Figure 8 for these details).
Figure 9. Read Input Port Register, Scenario 1
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCA9555


Similar Part No. - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555DB PHILIPS-PCA9555DB Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results

Similar Description - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com