Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC2.2-1212DR Datasheet(PDF) 1 Page - Recom International Power

Part # REC2.2-1212DR
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC2.2-1212DR Datasheet(HTML) 1 Page - Recom International Power

  REC2.2-1212DR Datasheet HTML 1Page - Recom International Power REC2.2-1212DR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 65
August 2002
Selection Guide
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
ECONOLINE - DC/DC-Converter
REC2.2-SR und DR Series, 2.2 Watt, DIP24, Regulated (Single & Dual Output)
4.4
3.3
1.1
2.2
100
50
0
-25
70
125
150
Operating Temperature ˚C
Safe Operating Area
0
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP24
(VDC)
(VDC)
(mA)
(%)
REC2.2-XX05SR
5, 12, 24
5
400
60
REC2.2-XX12SR
5, 12, 24
12
180
62
REC2.2-XX15SR
5, 12, 24
15
150
66
REC2.2-XX24SR
5, 12, 24
24
92
66
REC2.2-XX05DR
5, 12, 24
±5
±200
52
REC2.2-XX12DR
5, 12, 24
±12
±90
60
REC2.2-XX15DR
5, 12, 24
±15
±75
62
REC2.2-XX24DR
5, 12, 24
±24
±46
66
Input Voltage
±10%
Output Accuracy
±5%
Line Voltage Regulation
±0.5%
Output Power
2.2 Watt max.
Load Voltage Regulation
±0.5%
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
50% min.
Isolation Voltage
500VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
50pF min./1.2nF max.
Short Circuit Protection
Short Term
Switching Frequency at Full Load
35kHz min. / 85kHz max.
Operating Temperature
-25°C to +70°C (see Graph)
Storage Temperature
-55°C to +125°C
Package Weight
Single type
12.2g
Dual type
12.3g
500VDC Isolation
High Efficiency
Up to 2.2W Regulated Output
Power
Dual In-Line Package
UL94V-0 Package Material
Features


Similar Part No. - REC2.2-1212DR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-1212DR RECOM-REC2.2-1212DR Datasheet
74Kb / 2P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-1212DR/H1 RECOM-REC2.2-1212DR/H1 Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-1212DRH1 RECOM-REC2.2-1212DRH1 Datasheet
74Kb / 2P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-1212DRH1M RECOM-REC2.2-1212DRH1M Datasheet
74Kb / 2P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-1212DRH1SMD RECOM-REC2.2-1212DRH1SMD Datasheet
74Kb / 2P
   2.2 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC2.2-1212DR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com