Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGPP3K Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RGPP3K
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RGPP3K Datasheet(HTML) 1 Page - Gulf Semiconductor

  RGPP3K Datasheet HTML 1Page - Gulf Semiconductor RGPP3K Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.4
www.gulfsemi.com
RGPP3A THRU RGPP3M
GLASS PASSIVATED
FAST RECOVERY RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.0A
FEATURE
DO - 201AD
Molded case feature for auto insertion
High Switching Capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
RGPP
3A
RGPP
3B
RGPP
3D
RGPP
3G
RGPP
3J
RGPP
3K
RGPP
3M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8" lead length at Ta =55°C
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
125
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.3
V
Maximum full load reverse current
full cycle at TL =75°C
Ir(av)
30
µ
A
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
TL =55°C
Ir
5.0
100.0
µ
A
µ
A
Typical Junction Capacitance
(Note 1)
Cj
50.0
pF
Maximum Reverse Recovery Time (Note 2)
Trr
150
250
500
nS
Storage and Operation Junction Temperature
Tstg, Tj
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Test Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - RGPP3K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30A CHENG-YI-RGPP30A Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30B CHENG-YI-RGPP30B Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30D CHENG-YI-RGPP30D Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30G CHENG-YI-RGPP30G Datasheet
118Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results

Similar Description - RGPP3K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RGPP1A GULFSEMI-RGPP1A Datasheet
424Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR101G GULFSEMI-FR101G Datasheet
100Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR101G-E GULFSEMI-FR101G-E Datasheet
103Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BA157G GULFSEMI-BA157G Datasheet
78Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
RGPP2A GULFSEMI-RGPP2A Datasheet
110Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR301G GULFSEMI-FR301G Datasheet
68Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
RGPP15A GULFSEMI-RGPP15A Datasheet
81Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com