Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RGP10J
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RGP10J Datasheet(HTML) 1 Page - Gulf Semiconductor

  RGP10J Datasheet HTML 1Page - Gulf Semiconductor RGP10J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
RGP10A THRU RGP10M
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.0A
FEATURE
DO-41\DO-204AL
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RGP
10A
RGP
10B
RGP
10D
RGP
10G
RGP
10J
RGP
10K
RGP
10M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
Maximum full load reverse current full cycle
average at 55
°C Ambient
Ir(av)
100.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
200.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
55.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - RGP10J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10J ZOWIE-RGP10J Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
RGP10J GOOD-ARK-RGP10J Datasheet
165Kb / 2P
   Glass Passivated Junction Fast Switching Rectifiers
logo
New Jersey Semi-Conduct...
RGP10J NJSEMI-RGP10J Datasheet
93Kb / 1P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
RGP10J FAIRCHILD-RGP10J Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Jinan Jingheng (Group) ...
RGP10J JINANJINGHENG-RGP10J Datasheet
104Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP10J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001GP GULFSEMI-1N4001GP Datasheet
147Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4942GP GULFSEMI-1N4942GP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
GUF10D-E GULFSEMI-GUF10D-E Datasheet
134Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 200V to 1000V CURRENT: 1.0A
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
BYV26AGP GULFSEMI-BYV26AGP Datasheet
84Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?200V to 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com