Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558PSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558PSR
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558PSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button RC4558PSR Datasheet HTML 2Page - Texas Instruments RC4558PSR Datasheet HTML 3Page - Texas Instruments RC4558PSR Datasheet HTML 4Page - Texas Instruments RC4558PSR Datasheet HTML 5Page - Texas Instruments RC4558PSR Datasheet HTML 6Page - Texas Instruments RC4558PSR Datasheet HTML 7Page - Texas Instruments RC4558PSR Datasheet HTML 8Page - Texas Instruments RC4558PSR Datasheet HTML 9Page - Texas Instruments RC4558PSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
0
5
10
15
20
25
30
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
f – Frequency – Hz
1
10
100
1k
10k
100k
1M
-15
-10
-5
0
5
10
15
6
8
10
12
14
16
18
VCC – Supply Voltage – V
12
14
16
18
20
22
24
26
28
30
32
100
1000
10000
Rload – Load Resistance –
R – Load Resistance –
L
W
13
13.25
13.5
13.75
14
14.25
14.5
14.75
15
-55 -35 -15
5
25
45
65
85 105 125
TA – Temperature – °C
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
SUPPLY VOLTAGE
FREQUENCY
(RL = 2 kΩ, TA = 25°C)
(VCC = ±15 V, RL = 2 kΩ, TA = 25°C)
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
LOAD RESISTANCE
TEMPERATURE
(VCC = ±15 V, TA = 25°C)
(VCC = ±15 V, RL = 10 kΩ)
6
Submit Documentation Feedback


Similar Part No. - RC4558PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558PSR TI-RC4558PSR Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558PSR TI-RC4558PSR Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PSR TI1-RC4558PSR Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
RC4558PSRE4 TI-RC4558PSRE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PSRG4 TI1-RC4558PSRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
More results

Similar Description - RC4558PSR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com