Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8821DCAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821DCAR
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821DCAR Datasheet(HTML) 5 Page - Texas Instruments

  DRV8821DCAR Datasheet HTML 1Page - Texas Instruments DRV8821DCAR Datasheet HTML 2Page - Texas Instruments DRV8821DCAR Datasheet HTML 3Page - Texas Instruments DRV8821DCAR Datasheet HTML 4Page - Texas Instruments DRV8821DCAR Datasheet HTML 5Page - Texas Instruments DRV8821DCAR Datasheet HTML 6Page - Texas Instruments DRV8821DCAR Datasheet HTML 7Page - Texas Instruments DRV8821DCAR Datasheet HTML 8Page - Texas Instruments DRV8821DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DRV8821
www.ti.com
SLVS912E – JANUARY 2009 – REVISED AUGUST 2010
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VM
Motor power supply voltage range
8
32
V
IMOT
Continuous motor drive output current(1)
1
1.5
A
VREF
VREF input voltage
1
4
V
(1)
Power dissipation and thermal limits must be observed.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, no loads
5
8
mA
IVMSD
VM shutdown supply current
VM = 24 V, ABENBLn = CDENBLn = 1
2.5
mA
VUVLO
VM undervoltage lockout voltage
VM rising
6.5
8
V
VCP
Charge pump voltage
Relative to VM
12
V
VV3P3
VV3P3 output voltage
3.20
3.30
3.40
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.7
V
VIH
Input high voltage
2
V
VHYS
Input hysteresis
0.3
0.45
0.6
V
Input current
IIN
VIN = 3.3 V
100
mA
(internal pulldown current)
OVERTEMPERATURE PROTECTION
tTSD
Thermal shutdown temperature
Die temperature
150
°C
MOTOR DRIVER
VM = 24 V, IO = 0.8 A, TJ = 25°C
0.25
Motor #1 FET on resistance
Rds(on)
(each individual FET)
VM = 24 V, IO = 0.8 A, TJ = 85°C
0.31
0.37
VM = 24 V, IO = 0.8 A, TJ = 25°C
0.30
Motor #2 FET on resistance
Rds(on)
(each individual FET)
VM = 24 V, IO = 0.8 A, TJ = 85°C
0.38
0.45
IOFF
Off-state leakage current
±12
mA
fPWM
Motor PWM frequency(1)
45
50
55
kHz
tBLANK
ITRIP blanking time(2)
3.75
ms
tF
Output fall time
50
300
ns
tR
Output rise time
50
300
ns
IOCP
Overcurrent protect level
1.5
3
4.5
A
tOCP
Overcurrent protect trip time
2.5
ms
tMD
Mixed decay percentage
Measured from beginning of PWM cycle
75
%
VREF INPUT/CURRENT CONTROL ACCURACY
IREF
xVREF input current
xVREF = 3.3 V
–3
3
mA
xVREF = 2.5 V, derived from V3P3;
–5
5
%
71% to 100% current
ΔICHOP
Chopping current accuracy
xVREF = 2.5 V, derived from V3P3;
–10
10
%
20% to 56% current
(1)
Factory option 100 kHz.
(2)
Factory options for 2.5 ms, 5 ms or 6.25 ms.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV8821


Similar Part No. - DRV8821DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821DCAR TI-DRV8821DCAR Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI-DRV8821DCAR Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI-DRV8821DCAR Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI1-DRV8821DCAR Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
More results

Similar Description - DRV8821DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
   STEPPER MOTOR CONTROLLER / DRIVER
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com