Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16340Q3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16340Q3
Description  N-Channel NexFET??Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD16340Q3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD16340Q3 Datasheet HTML 1Page - Texas Instruments CSD16340Q3 Datasheet HTML 2Page - Texas Instruments CSD16340Q3 Datasheet HTML 3Page - Texas Instruments CSD16340Q3 Datasheet HTML 4Page - Texas Instruments CSD16340Q3 Datasheet HTML 5Page - Texas Instruments CSD16340Q3 Datasheet HTML 6Page - Texas Instruments CSD16340Q3 Datasheet HTML 7Page - Texas Instruments CSD16340Q3 Datasheet HTML 8Page - Texas Instruments CSD16340Q3 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
Qg − GateCharge − nC
0
1
4
7
0
2
4
6
8
10
12
G003
3
2
5
6
8
ID =20A
V
=12.5V
DS
VGS − GatetoSourceVoltage − V
0
2
4
6
8
10
12
14
16
0
3
4
7
8
9
10
G006
5
6
1
2
ID =20A
TC =125 C
°
TC =25 C
°
CSD16340Q3
www.ti.com
SLPS247A – DECEMBER 2009 – REVISED JANUARY 2010
N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD16340Q3
1
FEATURES
PRODUCT SUMMARY
2
Optimized for 5V Gate Drive
VDS
Drain to Source Voltage
25
V
Resistance Rated at VGS = 2.5V
Qg
Gate Charge Total (4.5V)
6.5
nC
Ultra Low Qg and Qgd
Qgd
Gate Charge Gate to Drain
1.2
nC
Low Thermal Resistance
VGS = 2.5V
6.1
m
RDS(on)
Drain to Source On Resistance
VGS = 4.5V
4.3
m
Avalanche Rated
VGS = 8V
3.8
m
Pb Free Terminal Plating
Vth
Threshold Voltage
0.85
V
RoHS Compliant
Halogen Free
SON 3.3mm x 3.3mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 3.3 × 3.3
13-inch
Tape and
CSD16340Q3
2500
Plastic Package
reel
Reel
Point-of-Load Synchronous Buck Converter
for Applications in Networking, Telecom and
Computing Systems
ABSOLUTE MAXIMUM RATINGS
Optimized for Control or Synchronous FET
TA = 25°C unless otherwise stated
VALUE
UNIT
Applications
VDS
Drain to Source Voltage
25
V
VGS
Gate to Source Voltage
+10 / –8
V
DESCRIPTION
Continuous Drain Current, TC = 25°C
60
A
ID
The NexFET™ power MOSFET has been designed
Continuous Drain Current(1)
21
A
to minimize losses in power conversion and optimized
IDM
Pulsed Drain Current, TA = 25°C
(2)
115
A
for 5V gate drive applications.
PD
Power Dissipation(1)
3
W
TJ,
Operating Junction and Storage
Top View
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
80
mJ
ID = 40A, L = 0.1mH, RG = 25Ω
(1)
Typical RθJA = 39°C/W on 1in
2 Cu (2 oz.) on 0.060" thick FR4
PCB.
(2)
Pulse width
≤300μs, duty cycle ≤2%
RDS(ON) vs VGS
Gate Charge
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD16340Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16340Q3 TI1-CSD16340Q3 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16340Q3T TI1-CSD16340Q3T Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD16340Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com