Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R12Y15 Datasheet(PDF) 3 Page - Recom International Power

Part # R12Y15
Description  EUROLINE - DC/DC - CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12Y15 Datasheet(HTML) 3 Page - Recom International Power

  R12Y15 Datasheet HTML 1Page - Recom International Power R12Y15 Datasheet HTML 2Page - Recom International Power R12Y15 Datasheet HTML 3Page - Recom International Power R12Y15 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
EU 29
EUROLINE - DC/DC-Converter
RxxX and RxxY Series, 1 Watt, SIP7/DIP14, Regulated / Isolated (Single Output)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
Typical Applications
Vout = 12V, TTL = 0V
Vout = 1.2V, TTL = 1V
Vcc
GND
0V
1
2
4
6
CTRL
TTL Input
2N2219, BC107, ZTX451
or Similar Transistors capable of
Sinking 50mA Continuous Current
0V
5
1kΩ
5
Vcc
GND
0V
1
Vout
2
4
6
NC
CTRL
RO5Y12
RO5Y12
Flash PROM Programming Voltage Control
Normal Isolated Regulated Output
R24Y/Xxx
Temperature Derating Graph
Tolerance Envelope
R05Y/Xxx
R48Y/Xxx
R12Y/Xxx
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
Ambient Temperature ˚C
0.5
100
50
0
-50
70
125
150
0
2.0
1.5
1.0
Safe
Operating Area
Total Output Current (%)
40
60
80
20
20
60
80
100
0
100
4809
4805
4812
4815
40
Total Output Current (%)
-10
40
60
80
20
-5
0
+5
+10
0
100
1209
1205
1212, 1215
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
0505
0509, 0512, 0515
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
2405
2412, 2415
2409


Similar Part No. - R12Y15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
R12 AITSEMI-R12 Datasheet
817Kb / 4P
   POWER INDUCTOR
logo
Recom International Pow...
R12-100A RECOM-R12-100A Datasheet
80Kb / 3P
   5 Watt Single Output
R12-100B RECOM-R12-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R12-150A RECOM-R12-150A Datasheet
80Kb / 3P
   5 Watt Single Output
R12-150B RECOM-R12-150B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
More results

Similar Description - R12Y15

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com