Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVEP11DGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEP11DGKR
Description  2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEP11DGKR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVEP11DGKR Datasheet HTML 1Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 2Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 3Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 4Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 5Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 6Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 7Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 8Page - Texas Instruments SN65LVEP11DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NECL DC CHARACTERISTICS
(1) (V
CC = 0.0 V; VEE = –3.8V to –2.375 V)
(2)
AC CHARACTERISTICS
(1) (V
CC = 2.375 V to 3.8 V; VEE = 0.0 V or VCC = 0.0 V; VEE = –3.8 V to
SN65LVEP11
SLLS930A – NOVEMBER 2008 – REVISED DECEMBER 2008 ........................................................................................................................................ www.ti.com
–40°C
25°C
85°C
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Power supply current
28
45
32
45
36
45
mA
VOH
Output HIGH voltage(3)
–1145
–895
–1145
–1065
–895
–1145
–895
mV
VOL
Output LOW voltage(3)
–1945
–1600
–1945
–1777
–1600
–1945
–1600
mV
Input high voltage
VIH
–1165
–880
–1165
–880
–1165
–880
mV
(Single-Ended)(4)
Input low voltage
VIL
–1945
–1600
–1945
–1600
–1945
–1600
mV
(Single-Ended)(4)
VIHCM
Input HIGH voltage common
VEE+1.2
VEE+1.2
0.0
VEE+1.2
VEE+1.2
0.0
VEE+1.2
VEE+1.2
0.0
V
R
mode range (Differential)(5)
IIH
Input HIGH current
150
150
150
µA
IIL
Input LOW current (D)
0.5
0.5
0.5
µA
nput LOW current (–D)
–150
–150
–150
(1)
The device will meet the specifications after thermal balance has been established when mounted in a socket or printed circuit board
with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously
(2)
Input and output parameters vary 1:1 with VCC.
(3)
All loading with 50
Ω to VCC – 2 V.
(4)
Single Ended input clock pin operation is limited to VCC
≤ –3 V in NECL mode.
(5)
VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal.
–2.375 V
(2)
PARAMETER
–40°C
25°C
85°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fMAX
Max switching frequency(3) (see Figure 6)
3.8
3.5
3.1
GHz
tPLH/tPHL
Propagation delay to output differential (CLK, Q, –Q)
200
300
200
300
200
300
ps
tSKEW
Device skew ( Q, –Q)
8
8
15
8
15
ps
Device to Device Skew (Q, –Q) (4)
25
25
25
tJITTER
Random clock jitter (RMS)
≤ 1.0 GHz
0.3
0.3
0.3
ps
Random Clock Jitter (RMS)
≤ 1.5 GHz
0.2
0.2
0.2
Random Clock Jitter (RMS)
≤ 2.0 GHz
0.2
0.2
0.2
Random Clock Jitter (RMS)
≤ 2.5 GHz
0.2
0.2
0.2
Random Clock Jitter (RMS)
≤ 3.0 GHz
0.2
0.2
0.2
VPP
Input swing Differential Config.
150
800
1200
150
1200
150
1200
mV
tr/tf
Output rise/fall times Q, –Q (20%–80%)
100
200
100
200
100
200
ps
(1)
The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
(2)
Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
Ω to VCC –2 V.
(3)
The maximum switching frequency measured at the output amplitude of 300 mVpp.
(4)
Skew is measured between outputs under identical transitions
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVEP11


Similar Part No. - SN65LVEP11DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEP11DGKR TI-SN65LVEP11DGKR Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11DGKR TI-SN65LVEP11DGKR Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
More results

Similar Description - SN65LVEP11DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com