Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R12C12 Datasheet(PDF) 2 Page - Recom International Power

Part # R12C12
Description  EUROLINE - DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12C12 Datasheet(HTML) 2 Page - Recom International Power

  R12C12 Datasheet HTML 1Page - Recom International Power R12C12 Datasheet HTML 2Page - Recom International Power R12C12 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU 34
www.recom-international.com
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
EUROLINE - DC/DC-Converter
RxxC and RxxD Series, 2 Watt, DIP14/SIP7, Isolated (Dual Output)
Input Voltage Range V
IN (continuous operation)
5V types
4.5VDC min. / 5.5VDC max.
12V types
10.8VDC min. / 13.2VDC max.
24V types
21.6VDC min. / 26.4VDC max.
48V types
43.2VDC min. / 52.8VDC max.
Reflected Ripple Current (depending on the type)
50 mA p-p min. to 200 mA p-p max.
Output Voltage Accuracy (depending on the type)
–5% min. / 7.5% max.
Line Regulation (highV
IN to low VIN)1.0% min. / 1.2% max. of VIN
Load Regulation (10% load to rated load) (depending on the type)
3% typ. / 10% max.
Ripple and Noise (BW=DC to 20MHz) (depending on the type)
70mVp-p min. / 200mVp-p max.
Isolation Voltage (flash tested for 1 second)
1000VDC min.
Test Voltage (50Hz, 10 seconds)
1000 Vpk min.
Resistance (Viso = 500V)
1GΩ min. / 10 GΩ typ.
Switching Frequency at Full Load (depending on the type)
80kHz min. / 95kHz max.
Package Weight
SIP types
2.76 g
DIP types
2.85 g
Efficiency (100% load)
70% min.
Power Consumption (0% load)
300mW typ.
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–50°C to +130°C
Case Temperature Above Ambient (depending on the type)
+25°C min. / +30°C max.
MTTF 2) (depending on the type))
–40°C
134kHrs min. / 2004kHrs max.
+25°C
112kHrs min. / 1574kHrs max.
+85°C
93kHrs min. / 1101kHrs max.
2). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Absolute Maximum Ratings
Input Voltage V
IN
05V types
7VDC
12V types
15VDC
24V types
28VDC
48V types
54VDC
Short Circuit Duration 1)
1 s
Internal Power Dissipation
300mW
Lead Temperature (1.5mm from case for 10 seconds)
300°C
1). Supply voltage must be discontinued at the end of the short circuit duration.


Similar Part No. - R12C12

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12C12AB1 PRODUCTWELL-R12C12AB1 Datasheet
123Kb / 1P
   ROTARY POTENTIOMETER
R12C12AB1 PRODUCTWELL-R12C12AB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
R12C12BB1 PRODUCTWELL-R12C12BB1 Datasheet
120Kb / 1P
   ROTARY POTENTIOMETER
R12C12BB1 PRODUCTWELL-R12C12BB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
More results

Similar Description - R12C12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com