Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3243ECDWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # MAX3243ECDWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3243ECDWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3243ECDWRG4 Datasheet HTML 2Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 3Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 4Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 5Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 6Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 7Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 8Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 9Page - Texas Instruments MAX3243ECDWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
MAX3243E
SLLS657C – APRIL 2005 – REVISED FEBRUARY 2009................................................................................................................................................... www.ti.com
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VOH
High-level output voltage
All DOUT at RL = 3 kΩ to GND
5
5.4
V
VOL
Low-level output voltage
All DOUT at RL = 3 kΩ to GND
–5
–5.4
V
Output voltage
DIN1 = DIN2 = GND, DIN3 = VCC, 3-kΩ to GND at DOUT3,
VO
±5
V
(mouse driveability)
DOUT1 = DOUT2 = 2.5 mA
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
Vhys
Input hysteresis
±1
V
VCC = 3.6 V,
VO = 0 V
IOS
Short-circuit output current(3)
±60
mA
VCC = 5.5 V,
VO = 0 V
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
Ioff
Output leakage current
FORCEOFF = GND,
VO = ±12 V,
VCC = 0 to 5.5 V
±25
µA
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
switching characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise
noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
CL = 1000 pF,
RL = 3 kΩ
Maximum data rate
250
500
kbit/s
One DOUT switching,
See Figure 1
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ, See Figure 2
100
ns
VCC = 3.3 V,
CL = 150 pF to 1000 pF
6
30
Slew rate, transition region
SR(tr)
RL = 3 kΩ to 7 kΩ,
V/
µs
(see Figure 1)
CL = 150 pF to 2500 pF
4
30
PRR = 250 kbit/s
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V + 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
kV
Driver outputs (pins 9–11)
IEC61000-4-2, Air-Gap Discharge
±15
kV
IEC61000-4-2, Contact Discharge
±8
kV
6
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3243E


Similar Part No. - MAX3243ECDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243ECDWR TI-MAX3243ECDWR Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - MAX3243ECDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com