Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96DRG4
Description  DUAL BIDIRECTIONAL BUS BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B96DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button P82B96DRG4 Datasheet HTML 7Page - Texas Instruments P82B96DRG4 Datasheet HTML 8Page - Texas Instruments P82B96DRG4 Datasheet HTML 9Page - Texas Instruments P82B96DRG4 Datasheet HTML 10Page - Texas Instruments P82B96DRG4 Datasheet HTML 11Page - Texas Instruments P82B96DRG4 Datasheet HTML 12Page - Texas Instruments P82B96DRG4 Datasheet HTML 13Page - Texas Instruments P82B96DRG4 Datasheet HTML 14Page - Texas Instruments P82B96DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
Switching Characteristics
P82B96
DUAL BIDIRECTIONAL BUS BUFFER
SCPS144B – MAY 2006 – REVISED JULY 2007
Electrical Characteristics (continued)
VCC = 15 V, voltages are specified with respect to GND (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
MAX
Sx, Sy are low, VCC
VCC voltage at
Sx, Sy
ramping, voltage on
VIOrel
which all buses
1
1
V
Tx, Ty
Tx, Ty lowered until
are released
released
Temperature coefficient of
ΔV/ΔTREL
–4
mV/
°C
release voltage
Cin
Input capacitance Rx, Ry
2.5
4
4
pF
VCC = 5 V, TA = 25°C, no capacitive loads, voltages are specified with respect to GND (unless otherwise noted)
FROM
TO
PARAMETER
TEST CONDITIONS
TYP UNIT
(INPUT)
(OUTPUT)
RTx pullup = 160 Ω,
Buffer delay time on falling
VSx (or VSy) = input switching
VTx (or VTy) output falling
tpzl
CTx = 7 pF + board
70
ns
input(1)
threshold
50% of VLOAD
trace capacitance
RTx pullup = 160 Ω,
Buffer delay time on rising
VSx (or VSy) = input switching
VTx (or VTy) output
tplz
CTx = 7 pF + board
90
ns
input(2)
threshold
reaching 50% of VLOAD
trace capacitance
RSx pullup = 1500 Ω,
Buffer delay time on falling
VRx (or VRy) = input switching
VSx (or VSy) output falling
tpzl
CTx = 7 pF + board
250
ns
input(3)
threshold
50% of VLOAD
trace capacitance
RSx pullup = 1500 Ω,
Buffer delay time on rising
VRx (or VRy) = input switching
VSx (or VSy) output
tplz
CTx = 7 pF + board
270
ns
input(4)
threshold
reaching 50% of VLOAD
trace capacitance
(1)
The fall time of VTx from 5 V to 2.5 V in the test is approximately 15 ns.
(2)
The fall time of VSx from 5 V to 2.5 V in the test is approximately 50 ns.
(3)
The rise time of VTx from 0 V to 2.5 V in the test is approximately 20 ns.
(4)
The rise time of VSx from 0.9 V to 2.5 V in the test is approximately 70 ns.
11
Submit Documentation Feedback


Similar Part No. - P82B96DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96DRG4 TI-P82B96DRG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DRG4 TI1-P82B96DRG4 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
More results

Similar Description - P82B96DRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com