Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111VFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111VFR
Description  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP111VFR Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVP111VFR Datasheet HTML 1Page - Texas Instruments CDCLVP111VFR Datasheet HTML 2Page - Texas Instruments CDCLVP111VFR Datasheet HTML 3Page - Texas Instruments CDCLVP111VFR Datasheet HTML 4Page - Texas Instruments CDCLVP111VFR Datasheet HTML 5Page - Texas Instruments CDCLVP111VFR Datasheet HTML 6Page - Texas Instruments CDCLVP111VFR Datasheet HTML 7Page - Texas Instruments CDCLVP111VFR Datasheet HTML 8Page - Texas Instruments CDCLVP111VFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
o
o
o
o
o
CLKn
Q0
Q1
Q2
Q9
CLKn
Q0
Q1
Q2
Q9
tPLH2
tPLH2
tPLH1
tPLH1
tPLH0
tPLH0
tPLH9
tPLH9
CDCLVP111
www.ti.com
SCAS859D – JANUARY 2009 – REVISED MARCH 2010
LVPECL DC ELECTRICAL CHARACTERISTICS (continued)
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40°C
VCC – 1.85
VCC – 1.5
Low-level output
VOL
IOL = -5 mA
25°C
VCC – 1.85
VCC – 1.45
V
voltage
85°C
VCC – 1.85
VCC – 1.4
Differential output
Terminated with 50
Ω to
VOD
-40°C, 25°C, 85°C
600
mV
voltage swing
VCC - 2 V, See Figure 3
AC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = -2.375 V to -3.8 V over operating
free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential propagation delay CLKn,
tpd
See
200
350
ps
CLKn to all Q0, Q0… Q9, Q9
tsk(o)
Output-to-output skew
See , and Figure 1
15
30
ps
tsk(pp)
Part-to-part skew
See , and Figure 1
70
ps
Integration bandwidth of 20 kHz to 20 MHz,
taj
Additive phase jitter
0.04
< 0.8
ps
fout = 125 MHz at 25°C
f(max)
Maximum frequency
Functional up to 3.5 GHz, see Figure 3
3500
MHz
tr/tf
Output rise and fall time (20%, 80%)
See
90
200
ps
A.
Output skew is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0, 1,...9) or
the difference between the fastest and the slowest tPHLn (n = 0, 1,...9).
B.
Part-to-part skew, is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0,
1,...9) across multiple devices or the difference between the fastest and the slowest tPHLn (n = 0, 1,...9) across
multiple devices.
C.
Typical value measured at ambient when clock input is 155.52MHz for an integration bandwidth of 20 kHz to 5 MHz.
D.
Input conditions: VCM = 1 V, VID = 0.5 V and FIN = 1GHz.
Figure 1. Waveform for Calculating Both Output and Part-to-Part Skew
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDCLVP111


Similar Part No. - CDCLVP111VFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111VFR TI1-CDCLVP111VFR Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Similar Description - CDCLVP111VFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com