Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111RHBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111RHBR
Description  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP111RHBR Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP111RHBR Datasheet HTML 1Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 2Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 3Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 4Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 5Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 6Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 7Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 8Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CDCLVP111
www.ti.com
SCAS859D – JANUARY 2009 – REVISED MARCH 2010
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Supply voltage (Relative to VEE)
–0.3 to 4.6
V
VI
Input voltage
–0.3 to VCC + 0.5
V
VO
Output voltage
–0.3 to VCC + 0.5
V
IIN
Input current
±20
mA
VEE
Negative supply voltage (Relative to VCC)
–4.6 to 0.3
V
IBB
Sink/source current
–1 to 1
mA
IO
DC output current
–50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum operating junction temperature
125
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage (relative to VEE)
2.375
2.5/3.3
3.8
V
TA
Operating free-air temperature
–40
85
°C/W
TJ
Operating junction temperature
110
°C
PACKAGE THERMAL IMPEDANCE, VF (LQFP)
TEST CONDITION
VALUE
UNIT
0 LFM
74
°C/W
150 LFM
66
°C/W
qJA
Thermal resistance junction to ambient(1)
250 LFM
64
°C/W
500 LFM
61
°C/W
qJC
Thermal resistance junction to case
39
°C/W
(1)
According to JESD 51-7 standard.
PACKAGE THERMAL IMPEDANCE, RHB (QFN)
TEST CONDITION
VALUE
UNIT
0 LFM
49
°C/W
150 LFM
37
°C/W
qJA
Thermal resistance junction to ambient(1)
250 LFM
36
°C/W
500 LFM
32
°C/W
qJC
Thermal resistance junction to case
19
°C/W
(1)
According to JESD 51-7 standard.
LVECL DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 0 V, VEE = -2.375 V to -3.8 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply internal
IEE
Absolute value of current
–40°C, 25°C, 85°C
40
85
mA
current
–40°C
354
Output and internal All outputs terminated 50
Ω to
ICC
25°C
380
mA
supply current
VCC – 2 V
85°C
405
Includes pullup/pulldown
IIN
Input current
resistors,
–40°C, 25°C, 85°C
–150
150
mA
VIH = VCC, VIL = VCC - 2 V
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CDCLVP111


Similar Part No. - CDCLVP111RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111RHBR TI1-CDCLVP111RHBR Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Similar Description - CDCLVP111RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com